Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL12082IUZ-T Fiches technique(PDF) 7 Page - Intersil Corporation

No de pièce ISL12082IUZ-T
Description  I2C-Bus??Real Time Clock with Two Interrupts, Alarm, and Timer
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12082IUZ-T Fiches technique(HTML) 7 Page - Intersil Corporation

Back Button ISL12082IUZ-T Datasheet HTML 3Page - Intersil Corporation ISL12082IUZ-T Datasheet HTML 4Page - Intersil Corporation ISL12082IUZ-T Datasheet HTML 5Page - Intersil Corporation ISL12082IUZ-T Datasheet HTML 6Page - Intersil Corporation ISL12082IUZ-T Datasheet HTML 7Page - Intersil Corporation ISL12082IUZ-T Datasheet HTML 8Page - Intersil Corporation ISL12082IUZ-T Datasheet HTML 9Page - Intersil Corporation ISL12082IUZ-T Datasheet HTML 10Page - Intersil Corporation ISL12082IUZ-T Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7
FN6731.3
November 24, 2008
Typical Performance Curves Temperature is +25°C unless otherwise specified
FIGURE 1. IBAT vs VBAT
FIGURE 2. IBAT vs TEMPERATURE AT VBAT = 3V
FIGURE 3. IDD1 vs TEMPERATURE
FIGURE 4. IDD1 vs VCC WITH LPMODE ON AND OFF
FIGURE 5. IDD1 vs fOUT AT VDD = 3.3V
FIGURE 6. IDD1 vs fOUT AT VDD = 5V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.2
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
VBAT (V)
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
-40
-20
0
20
40
60
80
TEMPERATURE (°C)
1.0
1.5
2.0
2.5
3.0
3.5
-40
-20
0
2040
6080
VDD (V)
VDD = 3.3V
VDD = 5V
0.5
1.0
1.5
2.0
2.5
3.0
3.5
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
VCC (V)
LP MODE ON
LP MODE OFF
1.5
2.5
3.5
1
512
4096
32768
FOUT (Hz)
2.5
3.5
4.5
1
512
4096
32768
FOUT (Hz)
ISL12082


Numéro de pièce similaire - ISL12082IUZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL12082IUZ-T RENESAS-ISL12082IUZ-T Datasheet
1Mb / 28P
   I2C-Bus Real Time Clock with Two Interrupts, Alarm, and Timer, Low Power RTC with Battery ReSeal, 2 IRQs, Hundredths of a Second Time and Crystal Compensation
More results

Description similaire - ISL12082IUZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL12082 RENESAS-ISL12082 Datasheet
1Mb / 28P
   I2C-Bus Real Time Clock with Two Interrupts, Alarm, and Timer, Low Power RTC with Battery ReSeal, 2 IRQs, Hundredths of a Second Time and Crystal Compensation
logo
NXP Semiconductors
PCF85063A NXP-PCF85063A Datasheet
715Kb / 65P
   Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 7-30 March 2018
PCF85063A NXP-PCF85063A_V01 Datasheet
698Kb / 55P
   Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 7.1 - 8 November 2023
PCF85063ATL NXP-PCF85063ATL Datasheet
544Kb / 54P
   Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 2-15 April 2013
PCA85063A NXP-PCA85063A Datasheet
677Kb / 59P
   Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 4-30 March 2018
logo
Golledge Electronics Lt...
RV1805C3 GOLLEDGE-RV1805C3 Datasheet
156Kb / 1P
   Real Time Clock - I2C Bus
RV3029C3 GOLLEDGE-RV3029C3_16 Datasheet
155Kb / 1P
   Real Time Clock - I2C Bus
RV3029C3 GOLLEDGE-RV3029C3 Datasheet
155Kb / 1P
   Real Time Clock - I2C Bus
RV3029C2 GOLLEDGE-RV3029C2 Datasheet
143Kb / 1P
   Real Time Clock - I2C Bus
RV3029C2 GOLLEDGE-RV3029C2_16 Datasheet
139Kb / 1P
   Real Time Clock - I2C Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com