Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL12059IBZ Fiches technique(PDF) 7 Page - Intersil Corporation

No de pièce ISL12059IBZ
Description  Low Cost and Low Power I2C Bus??Real Time Clock/Calendar
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12059IBZ Fiches technique(HTML) 7 Page - Intersil Corporation

Back Button ISL12059IBZ Datasheet HTML 3Page - Intersil Corporation ISL12059IBZ Datasheet HTML 4Page - Intersil Corporation ISL12059IBZ Datasheet HTML 5Page - Intersil Corporation ISL12059IBZ Datasheet HTML 6Page - Intersil Corporation ISL12059IBZ Datasheet HTML 7Page - Intersil Corporation ISL12059IBZ Datasheet HTML 8Page - Intersil Corporation ISL12059IBZ Datasheet HTML 9Page - Intersil Corporation ISL12059IBZ Datasheet HTML 10Page - Intersil Corporation ISL12059IBZ Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
FN6757.0
June 15, 2009
Accuracy of the Real Time Clock
The accuracy of the Real Time Clock depends on the
frequency of the quartz crystal that is used as the time base
for the RTC. Since the resonant frequency of a crystal is
temperature dependent, the RTC performance will also be
dependent upon temperature. The frequency deviation of
the crystal is a function of the turnover temperature of the
crystal from the crystal’s nominal frequency. For example, a
~20ppm frequency deviation translates into an accuracy of
~1 minute per month. These parameters are available from
the crystal manufacturer.
I2C Serial Interface
The ISL12059 has an I2C serial bus interface that provides
access to the real time clock registers, and control and
status registers. The I2C serial interface is compatible with
other industry I2C serial bus protocols using a bi-directional
data signal (SDA) and a clock signal (SCL).
Register Descriptions
The registers are accessible following a slave byte of
“1101000x” and reads or writes to addresses [00h:07h]. The
defined addresses and default values are described in Table 1.
REGISTER ACCESS
The contents of the registers can be modified by performing
a byte or a page write operation directly to any register
address. The address will wrap around from 07h to 00h.
The registers are divided into 2 sections. These are:
1. Real Time Clock (7 bytes): Address 00h to 06h.
2. Control and Status (1 byte): Address 07h.
There are no addresses above 07h.
A register can be read by performing a random read at any
address at any time. This returns the contents of that register
location. Additional registers are read by performing a
sequential read. For the RTC registers, the read instruction
latches all clock registers into a buffer, so an update of the
clock does not change the time being read. A sequential
read will not result in the output of data from the memory
array. At the end of a read, the master supplies a stop
condition to end the operation and free the bus. After a read
or write instruction, the address remains at the previous
address +1 so the user can execute a current address read
and continue reading the next register.
Real Time Clock Registers
Addresses [00h to 06h]
RTC REGISTERS (SC, MN, HR, DW, DT, MO, YR)
These registers depict BCD representations of the time. As
such, SC (Seconds, address 00h) and MN (Minutes,
address 01h) range from 0 to 59, HR (Hour, address 02h) is
in a 24-hour mode with a range from 0 to 23, DW (Day of the
Week, address 03h) is 0 to 6, DT (Date, address 04h) is 1 to
31, MO (Month, address 05h) is 1 to 12, and YR (Year,
address 06h) is 0 to 99.
The DW register provides a Day of the Week status and uses
three bits DW2 to DW0 to represent the seven days of the
week. The counter advances in the cycle 1-2-3-4-5-6-7-1-2-…
The assignment of a numerical value to a specific day of the
week is arbitrary and may be decided by the system
software designer.
Bit D7 of SC register contain the crystal enable/disable bit
(ST). Setting ST to “1” will disable the crystal from oscillating
and stop the counting in RTC register for the device to enter
into power saving mode. The ST bit is set to “0” on power-up
for normal operation.
Bit D7 of MN register contain the Oscillator Fail Indicator bit
(OF). This bit is set to a “1” when there is no oscillation on X1
pin. The OSF bit can only be reset by having an oscillation
on X1 and a write operation to reset it.
Bits D6 and D7 of HR register (century/hours register)
contain the century enable bit (CEB) and the century bit
(CB). Setting CEB to a '1' will cause CB to toggle, either from
'0' to '1' or from '1' to '0' at the turn of the century (depending
upon its initial state). If CEB is set to a '0', CB will not toggle.
TABLE 1. REGISTER MEMORY MAP
ADDR. SECTION
REG
NAME
BIT
REG
7
6
543210
RANGE
DEFAULT
00h
RTC
SC
ST
SC22
SC21
SC20
SC13
SC12
SC11
SC10
0 to 59
00h
01h
MN
OF
MN22
MN21
MN20
MN13
MN12
MN11
MN10
0 to 59
80h
02h
HR
CEB
CB
HR21
HR20
HR13
HR12
HR11
HR10
0 to 23
00h
03h
DW
0
0
0
0
0
DW12
DW11
DW10
1 to 7
01h
04h
DT
0
0
DT21
DT20
DT13
DT12
DT11
DT10
1 to 31
01h
05h
MO
0
0
0
MO20
MO13
MO12
MO11
MO10
1 to 12
01h
06h
YR
YR23
YR22
YR21
YR20
YR13
YR12
YR11
YR10
0 to 99
00h
07h
Control
FT/OUT
OUT
FT
00000
PF
N/A
81h
ISL12059


Numéro de pièce similaire - ISL12059IBZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL12059IBZ RENESAS-ISL12059IBZ Datasheet
513Kb / 11P
   Low Cost and Low Power I2C Bus Real Time Clock/Calendar Low Power and Low Cost RTC
ISL12059IBZ-T RENESAS-ISL12059IBZ-T Datasheet
513Kb / 11P
   Low Cost and Low Power I2C Bus Real Time Clock/Calendar Low Power and Low Cost RTC
More results

Description similaire - ISL12059IBZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL12058 INTERSIL-ISL12058 Datasheet
329Kb / 19P
   Low Cost and Low Power I2C-Bus??Real Time Clock/Calendar
logo
Renesas Technology Corp
ISL12059 RENESAS-ISL12059 Datasheet
513Kb / 11P
   Low Cost and Low Power I2C Bus Real Time Clock/Calendar Low Power and Low Cost RTC
logo
Intersil Corporation
ISL12057 INTERSIL-ISL12057 Datasheet
298Kb / 17P
   Low Cost and Low Power I2C RTC Real Time Clock/Calendar
logo
Renesas Technology Corp
ISL12058 RENESAS-ISL12058 Datasheet
837Kb / 20P
   Low Cost and Low Power I2C-Bus Real Time Clock/Calendar Low Power and Low Cost RTC with Alarm Function
logo
Microchip Technology
MCP7940M-I MICROCHIP-MCP7940M-I Datasheet
1,006Kb / 38P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM
11/29/11
MCP7940M MICROCHIP-MCP7940M Datasheet
1,006Kb / 38P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM
11/29/11
MCP7940N MICROCHIP-MCP7940N Datasheet
562Kb / 36P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM and Battery Switchover
2011
MCP7940N MICROCHIP-MCP7940N_13 Datasheet
1Mb / 42P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM and Battery Switchover
11/29/12
MCP7940NT-I-MNY MICROCHIP-MCP7940NT-I-MNY Datasheet
1Mb / 42P
   Low-Cost I2C Real-Time Clock/Calendar with SRAM and Battery Switchover
11/29/12
logo
Intersil Corporation
ISL12025 INTERSIL-ISL12025 Datasheet
423Kb / 27P
   Real-Time Clock/Calendar with I2C Bus and EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com