Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SD1060 Datasheet(Fiches technique) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Numéro de pièce 2SD1060
Description  Silicon NPN Power Transistors
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Site Internet  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2SD1060 Datasheet(HTML) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2SD1060 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SD1060 Datenblatt HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SD1060 Datenblatt HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SD1060 Datenblatt HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product Specification
www.jmnic.com
Silicon NPN Power Transistors
2SD1060
DESCRIPTION
・With TO-220 package
・Low collector-emitter saturation voltage
・Complement to type 2SB824
APPLICATIONS
・Suitable for relay drivers,high-speed
Inverters,converters,and other general
large-current switching applications
PINNING
PIN
DESCRIPTION
1
Emitter
2
Collector;connected to
mounting base
3
Base
Absolute maximum ratings (Ta=25℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VCBO
Collector-base voltage
Open emitter
60
V
VCEO
Collector-emitter voltage
Open base
50
V
VEBO
Emitter-base voltage
Open collector
6
V
IC
Collector current (DC)
5
A
ICP
Collector current (Pulse)
9
A
PC
Collector power dissipation
TC=25℃
30
W
Tj
Junction temperature
150
Tstg
Storage temperature
-55~150
JMnic


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn