Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC87F1JJ8A Fiches technique(PDF) 11 Page - Sanyo Semicon Device

No de pièce LC87F1JJ8A
Description  8-bit 1-chip Microcontroller with USB-host controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F1JJ8A Fiches technique(HTML) 11 Page - Sanyo Semicon Device

Back Button LC87F1JJ8A Datasheet HTML 7Page - Sanyo Semicon Device LC87F1JJ8A Datasheet HTML 8Page - Sanyo Semicon Device LC87F1JJ8A Datasheet HTML 9Page - Sanyo Semicon Device LC87F1JJ8A Datasheet HTML 10Page - Sanyo Semicon Device LC87F1JJ8A Datasheet HTML 11Page - Sanyo Semicon Device LC87F1JJ8A Datasheet HTML 12Page - Sanyo Semicon Device LC87F1JJ8A Datasheet HTML 13Page - Sanyo Semicon Device LC87F1JJ8A Datasheet HTML 14Page - Sanyo Semicon Device LC87F1JJ8A Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LC87F1JJ8A
No.A1455-11/28
User Options
Option Name
Type
Flash ROM Version
Option Selected in Units of
Setting
CMOS
P00 to P07
1 bit
Nch-open drain
CMOS
P10 to P17
1 bit
Nch-open drain
CMOS
P20 to P27
1 bit
Nch-open drain
CMOS
Port output type
P30 to P34
1 bit
Nch-open drain
00000h
Program start
address
-
-
1FE00h
Use
USB Regulator
-
Nonuse
Use
USB Regulator
(at HOLD mode)
-
Nonuse
Use
USB Regulator
USB Regulator
(at HALT mode)
-
Nonuse
Power Pin Treatment
Connect the IC as shown below to minimize the noise input to the VDD1 pin and extend the backup period. Be sure to
electrically short the VSS1, VSS2, and VSS3 pins.
Example 1: When the microcontroller is in the backup state in the HOLD mode, the power to sustain the high level of
output ports is supplied by their backup capacitors.
Example 2: The high level output at ports is not sustained and unstable in the HOLD backup mode.
VSS1 VSS2 VSS3
VDD1
VDD2
VDD3
Power
supply
For backup
LSI
LSI
VSS1VSS2VSS3
VDD1
VDD2
VDD3
Power
supply
For backup


Numéro de pièce similaire - LC87F1JJ8A

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LC87F1JJ8A ONSEMI-LC87F1JJ8A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
More results

Description similaire - LC87F1JJ8A

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC87F1HC4A_0812 SANYO-LC87F1HC4A_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
logo
ON Semiconductor
LC87F1HC8AUWA-2H ONSEMI-LC87F1HC8AUWA-2H Datasheet
197Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
May, 2013 Ver.1.06
logo
Sanyo Semicon Device
LC87F1L16A SANYO-LC87F1L16A Datasheet
159Kb / 24P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8SA_0812 SANYO-LC87F1HC8SA_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ2A SANYO-LC87F1JJ2A Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8A_0812 SANYO-LC87F1HC8A_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ4B SANYO-LC87F1JJ4B Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ8B SANYO-LC87F1JJ8B Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ2B SANYO-LC87F1JJ2B Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ4A SANYO-LC87F1JJ4A Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com