Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC3836 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC3836
Description  High Efficiency Regulator Controller
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC3836 Fiches technique(HTML) 1 Page - Texas Instruments

  UC3836 Datasheet HTML 1Page - Texas Instruments UC3836 Datasheet HTML 2Page - Texas Instruments UC3836 Datasheet HTML 3Page - Texas Instruments UC3836 Datasheet HTML 4Page - Texas Instruments UC3836 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
Complete Control for a High Current,
Low Dropout, Linear Regulator
Fixed 5V or Adjustable Output Voltage
Accurate 2.5A Current Limiting with
Foldback
Internal Current Sense Resistor
Remote Sense for Improved Load
Regulation
External Shutdown
Under-Voltage Lockout and Reverse
Voltage Protection
Thermal Shutdown Protection
8 Pin Mini-Dip Package
(Surface Mount also Available)
DESCRIPTION
The UC1835/6 families of linear controllers are optimized for the de-
sign of low cost, low dropout, linear regulators. Using an external pass
element, dropout voltages of less than 0.5V are readily obtained.
These devices contain a high gain error amplifier, a 250mA output
driver, and a precision reference. In addition, current sense with fold-
back provides for a 2.5A peak output current dropping to less than
0.5A at short circuit.
These devices are available in fixed, 5V, (UC1835), or adjustable,
(UC1836), versions. In the fixed 5 volt version, the only external parts
required are an external pass element, an output capacitor, and a com-
pensation capacitor. On the adjustable version the output voltage can
be set anywhere from 2.5V to 35V with two external resistors.
Additional features of these devices include under-voltage lockout for
predictable start-up, thermal shutdown and short circuit current limiting
to protect the driver device. On the fixed voltage version, a reverse
voltage comparator minimizes reverse load current in the event of a
negative input to output differential.
High Efficiency Regulator Controller
BLOCK DIAGRAM
Note: Pin numbers refer to 8-Pin DIL Package
UC1835
UC1836
UC2835
UC2836
UC3835
UC3836
8/94


Numéro de pièce similaire - UC3836

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC3836 TI1-UC3836 Datasheet
735Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
UC3836 TI-UC3836 Datasheet
731Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
UC3836D TI1-UC3836D Datasheet
735Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
UC3836D TI-UC3836D Datasheet
731Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
UC3836DG4 TI1-UC3836DG4 Datasheet
735Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
More results

Description similaire - UC3836

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC3836DW TI-UC3836DW Datasheet
731Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
UC2836D TI-UC2836D Datasheet
735Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
UC3836N TI1-UC3836N Datasheet
735Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
UC2835N TI1-UC2835N Datasheet
735Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
logo
Analog Devices
ADP1147 AD-ADP1147_15 Datasheet
203Kb / 12P
   High Efficiency Step-Down Switching Regulator Controller
REV. 0
logo
ON Semiconductor
LV5068V ONSEMI-LV5068V Datasheet
119Kb / 6P
   high efficiency Step-down Switching Regulator Controller
August, 2013
logo
Rohm
BD9775FV ROHM-BD9775FV_11 Datasheet
426Kb / 15P
   High Efficiency Step-down Switching Regulator Controller
logo
Linear Technology
LT1432-3.3 LINER-LT1432-3.3_15 Datasheet
275Kb / 8P
   3.3V High Efficiency Step-Down Switching Regulator Controller
LT1432 LINER-LT1432 Datasheet
611Kb / 28P
   5V High Efficiency Step-Down Switching Regulator Controller
LT1432 LINER-LT1432_15 Datasheet
833Kb / 28P
   5V High Efficiency Step-Down Switching Regulator Controller
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com