Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA75525AVA Fiches technique(PDF) 4 Page - Sanyo Semicon Device

No de pièce LA75525AVA
Description  VIF/SIF Signal-Processing IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA75525AVA Fiches technique(HTML) 4 Page - Sanyo Semicon Device

  LA75525AVA Datasheet HTML 1Page - Sanyo Semicon Device LA75525AVA Datasheet HTML 2Page - Sanyo Semicon Device LA75525AVA Datasheet HTML 3Page - Sanyo Semicon Device LA75525AVA Datasheet HTML 4Page - Sanyo Semicon Device LA75525AVA Datasheet HTML 5Page - Sanyo Semicon Device LA75525AVA Datasheet HTML 6Page - Sanyo Semicon Device LA75525AVA Datasheet HTML 7Page - Sanyo Semicon Device LA75525AVA Datasheet HTML 8Page - Sanyo Semicon Device LA75525AVA Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LA75525AVA
No.A1256-4/10
Package Dimensions
unit : mm (typ)
3287
Pin Assignment
1
SIF INPUT
2
FM BIAS FILTER
3
SIF CARRIER OUTPUT
4
VCC
5
VIDEO OUT
6
EQ FILTER
7
EQ INPUT
8
APC FILTER
16
15
14
13
12
11
10
9
IF AGC FILTER
AFT MUTE LEVEL
RF AGC OUTPUT
1st SIF INPUT
CAMPSITE VIDEO OUTPUT
US/JP-TV/FM SW
REFERENCE CP INPUT
AFT OUTPUT
20
19
18
17
RF AGC VR
GND
VIF IN 1
VIF IN 2
24
23
22
21
AUDIO OUTPUT
FILTER CONTROL C
AUDIO BIAS FILTER
SIF BPF OUTPUT
Top View
SANYO : SSOP24(225mil)
6.5
0.5
(0.5)
24
13
1
12
0.22
0.15


Numéro de pièce similaire - LA75525AVA

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA75525VA SANYO-LA75525VA Datasheet
79Kb / 6P
   Monolithic Linear IC For TV Sets and VCRs VIF/SIF Signal-Processing IC
More results

Description similaire - LA75525AVA

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA75503V SANYO-LA75503V Datasheet
525Kb / 15P
   Adjustment Free VIF/SIF Signal Processing IC for PAL TV/VCR
LA75501 SANYO-LA75501 Datasheet
118Kb / 11P
   For Use in TV/VCR Applications VIF/SIF Signal Processing IC
LA75503V SANYO-LA75503V_07 Datasheet
521Kb / 15P
   For PAL TV/VCR Adjustment Free VIF/SIF Signal Processing IC
LA75501V SANYO-LA75501V_07 Datasheet
204Kb / 10P
   For Use in TV/VTR Applications VIF/SIF Signal Processing IC
LA75501V SANYO-LA75501V Datasheet
204Kb / 10P
   For Use in TV/VTR Applications VIF/SIF Signal Processing IC
LA75710VA SANYO-LA75710VA Datasheet
276Kb / 10P
   Monolithic Linear IC NTSC Support TV and VCR VIF/SIF Signal Processing IC
LA75525VA SANYO-LA75525VA Datasheet
79Kb / 6P
   Monolithic Linear IC For TV Sets and VCRs VIF/SIF Signal-Processing IC
LA7550 SANYO-LA7550 Datasheet
285Kb / 3P
   IF Signal Processing (VIFSIF) Cricuit for TV/VTR
logo
Rohm
BA7358S ROHM-BA7358S Datasheet
250Kb / 15P
   VIF/SIF signal processor
logo
Sanyo Semicon Device
LA75695VA SANYO-LA75695VA Datasheet
286Kb / 12P
   For Use in TV/VTR Applications IF Signal Processing (VIFSIFSIF converter)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com