Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

934057053135 Fiches technique(PDF) 1 Page - NXP Semiconductors

No de pièce 934057053135
Description  Logic level four-quadrant triac
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

934057053135 Fiches technique(HTML) 1 Page - NXP Semiconductors

  934057053135 Datasheet HTML 1Page - NXP Semiconductors 934057053135 Datasheet HTML 2Page - NXP Semiconductors 934057053135 Datasheet HTML 3Page - NXP Semiconductors 934057053135 Datasheet HTML 4Page - NXP Semiconductors 934057053135 Datasheet HTML 5Page - NXP Semiconductors 934057053135 Datasheet HTML 6Page - NXP Semiconductors 934057053135 Datasheet HTML 7Page - NXP Semiconductors 934057053135 Datasheet HTML 8Page - NXP Semiconductors 934057053135 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Z0103MN
Logic level four-quadrant triac
Rev. 03 — 5 August 2009
Product data sheet
1.
Product profile
1.1 General description
Passivated sensitive gate 4-Q triac in a SOT223 surface-mountable plastic package
1.2 Features and benefits
Direct interfacing to logic level ICs
Direct interfacing to low power gate
drive circuits
High blocking voltage of 600V
Sensitive gate in four quadrants
Surface-mountable package
1.3 Applications
General purpose low power motor
control
Home appliances
Industrial process control
Low power AC Fan controllers
1.4 Quick reference data
Table 1.
Quick reference
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VDRM
repetitive peak
off-state voltage
-
-
600
V
IT(RMS)
RMS on-state
current
half sine wave; Tsp ≤ 89 °C;
see Figure 1 and 4
--1
A
Static characteristics
IGT
gate trigger current
VD =12V; Tj =25°C;
T2+ G-; see Figure 6
--3
mA
VD =12V; Tj =25°C;
T2- G-
--3
mA
VD =12V; Tj =25°C;
T2+ G+
--3
mA
VD =12V; Tj =25°C;
T2- G+
--5
mA


Numéro de pièce similaire - 934057053135

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
934057052116 NXP-934057052116 Datasheet
679Kb / 13P
   Logic level four-quadrant triac
Rev. 4-18 March 2011
934057052126 NXP-934057052126 Datasheet
679Kb / 13P
   Logic level four-quadrant triac
Rev. 4-18 March 2011
934057052412 NXP-934057052412 Datasheet
679Kb / 13P
   Logic level four-quadrant triac
Rev. 4-18 March 2011
934057054412 NXP-934057054412 Datasheet
682Kb / 14P
   Logic level four-quadrant triac
Rev. 04-21 March 2011
934057055135 NXP-934057055135 Datasheet
693Kb / 15P
   Logic level four-quadrant triac
Rev. 05-21 March 2011
More results

Description similaire - 934057053135

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
Z0109MN NXP-Z0109MN_11 Datasheet
837Kb / 15P
   Logic level four-quadrant triac
Rev. 05-22 March 2011
Z0103NN NXP-Z0103NN Datasheet
185Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
Z0109NN NXP-Z0109NN Datasheet
185Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
Z0103NN NXP-Z0103NN_11 Datasheet
693Kb / 15P
   Logic level four-quadrant triac
Rev. 05-21 March 2011
Z0107MA NXP-Z0107MA_11 Datasheet
665Kb / 14P
   Logic level four-quadrant triac
Rev. 04-21 March 2011
Z0103NN0 NXP-Z0103NN0 Datasheet
623Kb / 15P
   Logic level four-quadrant triac
Rev. 02-21 March 2011
Z0109NN0 NXP-Z0109NN0 Datasheet
638Kb / 17P
   Logic level four-quadrant triac
Rev. 3-10 May 2011
logo
Unisonic Technologies
UZ0107 UTC-UZ0107_15 Datasheet
125Kb / 3P
   LOGIC LEVEL FOUR-QUADRANT TRIAC
logo
NXP Semiconductors
Z0107MA0 NXP-Z0107MA0 Datasheet
616Kb / 15P
   Logic level four-quadrant triac
Rev. 3-12 May 2011
Z0107NA NXP-Z0107NA_11 Datasheet
681Kb / 14P
   Logic level four-quadrant triac
Rev. 04-22 March 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com