Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2714 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2714
Description  Complementary Switch FET Drivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2714 Fiches technique(HTML) 4 Page - Texas Instruments

  UC2714 Datasheet HTML 1Page - Texas Instruments UC2714 Datasheet HTML 2Page - Texas Instruments UC2714 Datasheet HTML 3Page - Texas Instruments UC2714 Datasheet HTML 4Page - Texas Instruments UC2714 Datasheet HTML 5Page - Texas Instruments UC2714 Datasheet HTML 6Page - Texas Instruments UC2714 Datasheet HTML 7Page - Texas Instruments UC2714 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
UC1714/5
UC2714/5
UC3714/5
INPUT: The input switches at TTL logic levels (approxi-
mately 1.4V) but the allowable range is from 0V to 20V,
allowing direct connection to most common IC PWM con-
troller outputs. The rising edge immediately switches the
AUX output, and initiates a timing delay, T1, before
switching on the PWR output. Similarly, the INPUT falling
edge immediately turns off the PWR output and initiates
a timing delay, T2, before switching the AUX output.
It should be noted that if the input signal comes from a
controller with FET drive capability, this signal provides
another option. INPUT and PWR provide a delay only at
the leading edge while INPUT and AUX provide the delay
at the trailing edge.
PWR: The PWR output waits for the T1 delay after the
INPUT’s rising edge before switching on, but switches off
immediately at INPUT’s falling edge (neglecting propaga-
tion delays). This output is capable of sourcing 1A and
sinking 2A of peak gate drive current. PWR output in-
cludes a passive, self-biased circuit which holds this pin
active low, when ENBL
≥ 0.8V regardless of VCC’s volt-
age.
T1: A resistor to ground programs the time delay be-
tween AUX switch turn-off and PWR turn-on.
T2: This pin functions in the same way as T1 but controls
the time delay between PWR turn-off and activation of
the AUX switch.
T1, T2: The resistor on each of these pins sets the
charging current on internal timing capacitors to provide
independent time control. The nominal voltage level at
each pin is 3V and the current is internally limited to
1mA. The total delay from INPUT to each output includes
a propagation delay in addition to the programmable
timer but since the propagation delays are approximately
equal, the relative time delay between the two outputs
can be assumed to be solely a function of the pro-
grammed delays. The relationship of the time delay vs.
RT is shown in the Typical Characteristics curves.
Either or both pins can alternatively be used for voltage
sensing in lieu of delay programming. This is done by
pulling the timer pins below their nominal voltage level
which immediately activates the timer output.
VCC: The VCC input range is from 7V to 20V. This pin
should be bypassed with a capacitor to GND consistent
with peak load current demands.
PIN DESCRIPTIONS (cont.)
PROPAGATION
DELAYS
INPUT
PWR OUTPUT
T1 DELAY
T2 DELAY
UC1714 AUX OUTPUT
UC1715 AUX OUTPUT
TYPICAL CHARACTERISTICS
Time relationships. (Notes 3, 4)
UDG-99027
0
100
200
300
400
500
0
1020304050
60708090
100
RT (kW)
T1 vs RT1
T2 vs RT2
T1 Delay, T2 Delay vs. RT


Numéro de pièce similaire - UC2714

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2714 TI1-UC2714 Datasheet
773Kb / 16P
[Old version datasheet]   Complementary Switch FET Drivers
UC2714 TI1-UC2714 Datasheet
986Kb / 16P
[Old version datasheet]   Complementary Switch FET Drivers
UC2714D TI1-UC2714D Datasheet
773Kb / 16P
[Old version datasheet]   Complementary Switch FET Drivers
UC2714D TI1-UC2714D Datasheet
986Kb / 16P
[Old version datasheet]   Complementary Switch FET Drivers
UC2714DG4 TI1-UC2714DG4 Datasheet
773Kb / 16P
[Old version datasheet]   Complementary Switch FET Drivers
More results

Description similaire - UC2714

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1714 TI1-UC1714_13 Datasheet
773Kb / 16P
[Old version datasheet]   Complementary Switch FET Drivers
UC1714 TI1-UC1714_16 Datasheet
986Kb / 16P
[Old version datasheet]   Complementary Switch FET Drivers
UC1715-SP TI-UC1715-SP_15 Datasheet
329Kb / 14P
[Old version datasheet]   COMPLIMENTARY SWITCH FET DRIVERS
logo
Intersil Corporation
IS-1715ARH INTERSIL-IS-1715ARH Datasheet
30Kb / 2P
   Radiation Hardened Complementary Switch FET Driver
logo
National Semiconductor ...
NB311 NSC-NB311 Datasheet
137Kb / 4P
   1.5Amp complementary power drivers
logo
TRINAMIC Motion Control...
TMC32NP TRINAMIC-TMC32NP Datasheet
364Kb / 1P
   Complementary 30V MOS FET
logo
Nexperia B.V. All right...
PHC21025 NEXPERIA-PHC21025 Datasheet
826Kb / 16P
   Complementary intermediate level FET
Rev. 04 - 17 March 2011
logo
NXP Semiconductors
PHC21025 PHILIPS-PHC21025_15 Datasheet
249Kb / 16P
   Complementary intermediate level FET
Rev. 04-17 March 2011
logo
Motorola, Inc
MTDF1C02HD MOTOROLA-MTDF1C02HD Datasheet
276Kb / 14P
   COMPLEMENTARY DUAL TMOS POWER FET
logo
Micro Electronics
BCI84 MICRO-ELECTRONICS-BCI84 Datasheet
154Kb / 2P
   COMPLEMENTARY SILICON AF SMALL SIGNAL AMPLIFIERS & DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com