Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2625Q Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce UC2625Q
Description  Brushless DC Motor Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2625Q Fiches technique(HTML) 9 Page - Texas Instruments

Back Button UC2625Q Datasheet HTML 5Page - Texas Instruments UC2625Q Datasheet HTML 6Page - Texas Instruments UC2625Q Datasheet HTML 7Page - Texas Instruments UC2625Q Datasheet HTML 8Page - Texas Instruments UC2625Q Datasheet HTML 9Page - Texas Instruments UC2625Q Datasheet HTML 10Page - Texas Instruments UC2625Q Datasheet HTML 11Page - Texas Instruments UC2625Q Datasheet HTML 12Page - Texas Instruments UC2625Q Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
UC1625
UC2625
UC3625
Figure 6. Soft start discharge current vs.
temperature.
TYPICAL CHARACTERISTICS (cont.)
Figure 7. Current sense amplifier transfer function.
Power Stage Design
The UC3625 is useful in a wide variety of applications,
including high-power in robotics and machinery.
The
power output stages used in such equipment can take a
number of forms, according to the intended perfor-
mance and purpose of the system. Below are four differ-
ent
power
stages
with
the
advantages
and
disadvantages of each shown.
For high-frequency chopping, fast recovery circulating
diodes are essential. Six are required to clamp the wind-
ings. These diodes should have a continuous current
rating at least equal to the operating motor current,
since diode conduction duty-cycle can be high.
For
low-voltage systems, Schottky diodes are preferred. In
higher voltage systems, diodes such as Microsemi
UHVP high voltage platinum rectifiers are recom-
mended.
In a pulse-by-pulse current control arrangement, current
sensing is done by resistor RS, through which the tran-
sistor's currents are passed (Fig. A, B, and C). In these
cases, RD is not needed. The low-side circulating di-
odes go to ground and the current sense terminals of
the UC3625 (ISENSE1 and ISENSE2) are connected to RS
through a differential RC filter. The input bias current of
the current sense amplifier will cause a common mode
offset voltage to appear at both inputs, so for best accu-
racy, keep the filter resistors below 2k
and matched.
The current that flows through RS is discontinuous be-
cause of chopping. It flows during the on time of the
power stage and is zero during the off time. Conse-
quently, the voltage across RS consists of a series of
pulses, occurring at the PWM frequency, with a peak
value indicative of the peak motor current.
To sense average motor current instead of peak cur-
rent, add another current sense resistor (RD in Fig. D) to
measure current in the low-side circulating diodes, and
operate in four quadrant mode (pin 22 high). The nega-
tive voltage across RD is corrected by the absolute
value current sense amplifier. Within the limitations im-
posed by Table 1, the circuit of Fig. B can also sense
average current.
APPLICATION INFORMATION (cont.)


Numéro de pièce similaire - UC2625Q

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2625Q TI1-UC2625Q Datasheet
883Kb / 25P
[Old version datasheet]   Brushless DC Motor Controller
More results

Description similaire - UC2625Q

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
   BRUSHLESS DC MOTOR CONTROLLER
logo
ON Semiconductor
MC33035 ONSEMI-MC33035_06 Datasheet
527Kb / 28P
   Brushless DC Motor Controller
April, 2006 ??Rev. 8
logo
Texas Instruments
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
DRV8307 TI1-DRV8307_16 Datasheet
1,007Kb / 33P
[Old version datasheet]   Brushless DC Motor Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP33035 FOSLINK-FSP33035 Datasheet
1Mb / 28P
   BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com