Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC3524DWTR Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC3524DWTR
Description  Advanced Regulating Pulse Width Modulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC3524DWTR Fiches technique(HTML) 7 Page - Texas Instruments

  UC3524DWTR Datasheet HTML 1Page - Texas Instruments UC3524DWTR Datasheet HTML 2Page - Texas Instruments UC3524DWTR Datasheet HTML 3Page - Texas Instruments UC3524DWTR Datasheet HTML 4Page - Texas Instruments UC3524DWTR Datasheet HTML 5Page - Texas Instruments UC3524DWTR Datasheet HTML 6Page - Texas Instruments UC3524DWTR Datasheet HTML 7Page - Texas Instruments UC3524DWTR Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
UC1524J
OBSOLETE
CDIP
J
16
None
Call TI
Call TI
UC1524J/80937
OBSOLETE
CDIP
J
16
None
Call TI
Call TI
UC1524J883B
OBSOLETE
CDIP
J
16
None
Call TI
Call TI
UC2524DW
ACTIVE
SOIC
DW
16
40
None
CU NIPDAU
Level-2-220C-1 YEAR
UC2524DWTR
ACTIVE
SOIC
DW
16
2000
None
CU NIPDAU
Level-2-220C-1 YEAR
UC2524J
OBSOLETE
CDIP
J
16
None
Call TI
Call TI
UC2524N
ACTIVE
PDIP
N
16
25
None
CU SNPB
Level-NA-NA-NA
UC3524D
ACTIVE
SOIC
D
16
40
None
CU NIPDAU
Level-1-220C-UNLIM
UC3524DTR
ACTIVE
SOIC
D
16
2500
None
CU NIPDAU
Level-1-220C-UNLIM
UC3524DW
ACTIVE
SOIC
DW
16
40
None
CU NIPDAU
Level-2-220C-1 YEAR
UC3524DWTR
ACTIVE
SOIC
DW
16
2000
None
CU NIPDAU
Level-2-220C-1 YEAR
UC3524J
OBSOLETE
CDIP
J
16
None
Call TI
Call TI
UC3524N
ACTIVE
PDIP
N
16
25
None
CU SNPB
Level-NA-NA-NA
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional
product content details.
None: Not yet available Lead (Pb-Free).
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean "Pb-Free" and in addition, uses package materials that do not contain halogens,
including bromine (Br) or antimony (Sb) above 0.1% of total product weight.
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDECindustry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
8-Mar-2005
Addendum-Page 1


Numéro de pièce similaire - UC3524DWTR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC3524DWTR TI-UC3524DWTR Datasheet
802Kb / 18P
[Old version datasheet]   ADVANCED REGULATING PULSE WIDTH MODULATORS
UC3524DWTRG4 TI-UC3524DWTRG4 Datasheet
802Kb / 18P
[Old version datasheet]   ADVANCED REGULATING PULSE WIDTH MODULATORS
More results

Description similaire - UC3524DWTR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1524A TI1-UC1524A_16 Datasheet
3Mb / 17P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC494AN TI-UC494AN Datasheet
366Kb / 5P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC494ACN TI-UC494ACN Datasheet
366Kb / 5P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC1524A TI-UC1524A_08 Datasheet
3Mb / 16P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC1524A TI-UC1524A Datasheet
365Kb / 8P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC494A TI-UC494A Datasheet
473Kb / 5P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC3524NG4 TI-UC3524NG4 Datasheet
802Kb / 18P
[Old version datasheet]   ADVANCED REGULATING PULSE WIDTH MODULATORS
logo
Seme LAB
IP1524 SEME-LAB-IP1524 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
IP1525A SEME-LAB-IP1525A Datasheet
63Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
logo
STMicroelectronics
SG2524 STMICROELECTRONICS-SG2524 Datasheet
93Kb / 9P
   REGULATING PULSE WIDTH MODULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com