Moteur de recherche de fiches techniques de composants électroniques |
|
CX6SSM4 Fiches technique(PDF) 2 Page - RSG Electronic Components GmbH |
|
CX6SSM4 Fiches technique(HTML) 2 Page - RSG Electronic Components GmbH |
2 / 2 page HOW TO ORDER CX6SM AT CRYSTALS CX6 S C SM1 – 32.0M , 100 / 100 / — / I RSG Electronic Components GmbH - Sprendlinger Landstr. 115 - 63069 Offenbach - Germany - www.rsg-electronic.de YS TEM C ERTIF IC A T 01 0.070 (1.78) 0.215 (5.46) 0.120 (3.05) inches (mm) 10117 - Rev B TERMINATIONS Designation Termination SM1 Gold Plated (Lead Free) SM2 Solder Plated SM3 Solder Dipped SM4 Solder Plated (Lead Free) SM5 Solder Dipped (Lead Free) Max Process Temperature 260 OC for 20 sec. PACKAGING • Tray Pack • Tape and Reel Per EIA 481 (see Tape and Reel data sheet 10109) SPECIFICATIONS Specifications are typical at 25 OC unless otherwise noted. Specifications are subject to change without notice. Fundamental Frequency 10 MHz 32 MHz 155.52 MHz Motional Resistance R1 (Ω) 60 25 10 Motional Capacitance C1 (fF) 2.8 6.2 4.0 Quality Factor Q (k) 95 30 30 Shunt Capacitance C0 (pF) 1.4 2.3 2.3 Calibration Tolerance 1 100 ppm, or tighter as required Load Capacitance 2 20 pF for f ≤ 50 MHz 10 pF for f > 50 MHz Drive Level 500 µW MAX for f ≤ 50 MHz 200 µW MAX for f > 50 MHz Frequency-Temperature 50 ppm to 10 ppm (Commercial) Stability 1,3 100 ppm to 20 ppm (Industrial) 100 ppm to 30 ppm (Military) Aging, first year 3 5 ppm MAX (below 1 ppm available) Shock, survival 4 3,000 g, 0.3 ms, 1/2 sine Vibration, survival 5 20 g, 10-2,000 Hz swept sine Operating Temp. Range -10 OC to +70OC (Commercial) -40 OC to +85OC (Industrial) -55 OC to +125OC (Military) Storage Temp. Range -55 OC to +125OC Max Process Temperature 260 OC for 20 sec. 1. Other tolerances available. Contact factory. 2. Unless specified otherwise. 3. Does not include calibration tolerance. The characteristics of the frequency stability over temperature follow that of the AT thickness-shear mode. 4. 10 ppm MAX for frequencies below 40 MHz. For tighter tolerances and higher frequencies contact factory. 5. Higher shock version available. 6. Per MIL-STD-202G, Method 204D, Condition D. Random vibration testing also available. + _ + _ + _ + _ + _ + _ + _ SUGGESTED LAND PATTERN Operating Temp. Range: C = -10 OC to +70OC I = -40 OC to +85OC M = -55 OC to +125OC S = Customer Specified Calibration Tolerance @ 25 OC (in ppm) Frequency M = MHz C = Ceramic Lid Blank = Glass Lid SM1 = Gold Plated (Lead Free) SM2 = Solder Plated SM3 = Solder Dipped SM4 = Solder Plated (Lead Free) SM5 = Solder Dipped (Lead Free) O.T. = 3 rd Overtone Mode Blank = Fundamental Mode Operating Temp. Range: C = -10 OC to +70OC I = -40 OC to +85OC M = -55 OC to +125OC S = Customer Specified Frequency Stability over Temp. Range (in ppm) “S” if special or custom design. Blank if Std. Total Frequency Tolerance (in ppm) OR Pb C 0 C 1 R 1 2 1 L 1 EQUIVALENT CIRCUIT R 1 Motional Resistance L 1 Motional Inductance C 1 Motional Capacitance C 0 Shunt Capacitance — / — / 200 / I |
Numéro de pièce similaire - CX6SSM4 |
|
Description similaire - CX6SSM4 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |