Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS71730DCKR Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS71730DCKR
Description  Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS71730DCKR Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS71730DCKR Datasheet HTML 5Page - Texas Instruments TPS71730DCKR Datasheet HTML 6Page - Texas Instruments TPS71730DCKR Datasheet HTML 7Page - Texas Instruments TPS71730DCKR Datasheet HTML 8Page - Texas Instruments TPS71730DCKR Datasheet HTML 9Page - Texas Instruments TPS71730DCKR Datasheet HTML 10Page - Texas Instruments TPS71730DCKR Datasheet HTML 11Page - Texas Instruments TPS71730DCKR Datasheet HTML 12Page - Texas Instruments TPS71730DCKR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
80
70
60
50
40
30
20
10
0
0
2.5
4.0
V
V
(V)
-
IN
OUT
1.0
1.5
2.0
0.5
3.0
3.5
1MHz
10kHz
1kHz
100kHz
I
=10mA
C
=1 F
C
=10nF
OUT
OUT
NR
m
80
70
60
50
40
30
20
10
0
0
2.5
4.0
V
V
(V)
-
IN
OUT
1.0
1.5
2.0
0.5
3.0
3.5
1MHz
10kHz
1kHz
100kHz
I
=75mA
C
=1 F
C
=10nF
OUT
OUT
NR
m
80
70
60
50
40
30
20
10
0
0
2.5
4.0
V
V
(V)
-
IN
OUT
1.0
1.5
2.0
0.5
3.0
3.5
1MHz
10kHz
1kHz
100kHz
I
=150mA
C
=1 F
C
=10nF
OUT
OUT
NR
m
16
14
12
10
8
6
4
2
0
100
10k
100k
Frequency(Hz)
1k
I
=150mA
OUT
I
=10mA
OUT
C
=1 F
C
=10nF
m
OUT
NR
16
14
12
10
8
6
4
2
0
100
10k
100k
Frequency(Hz)
1k
C
=10 F
m
OUT
C
=1 F
m
OUT
I
=10mA
C
=10nF
OUT
NR
30
25
20
15
10
5
0
100
10k
100k
Frequency(Hz)
1k
C
=0nF
NR
C
=1nF
NR
C
=10nF
NR
C
=100nF
NR
I
=10mA
C
=1 F
OUT
OUT
m
TPS717xx
www.ti.com.................................................................................................................................................. SBVS068G – FEBRUARY 2006 – REVISED APRIL 2009
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(TYP) + 0.5V or 2.5V, whichever is greater; IOUT = 0.5mA,
VEN = VIN, COUT = 1.0µF, CNR = 0.01µF, unless otherwise noted. For TPS71701, VOUT = 2.8V.
Typical values are at TJ = +25°C.
POWER-SUPPLY RIPPLE REJECTION vs
POWER-SUPPLY RIPPLE REJECTION vs
(VIN – VOUT)
(VIN – VOUT)
Figure 21.
Figure 22.
POWER-SUPPLY RIPPLE REJECTION vs
OUTPUT SPECTRAL NOISE DENSITY vs
(VIN – VOUT)
OUTPUT CURRENT
Figure 23.
Figure 24.
OUTPUT SPECTRAL NOISE DENSITY vs
OUTPUT SPECTRAL NOISE DENSITY vs
OUTPUT CAPACITANCE
NOISE REDUCTION
Figure 25.
Figure 26.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9


Numéro de pièce similaire - TPS71730DCKR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS71730DCKR TI-TPS71730DCKR Datasheet
818Kb / 24P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71730DCKR TI-TPS71730DCKR Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71730DCKR TI-TPS71730DCKR Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71730DCKR TI-TPS71730DCKR Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71730DCKR TI1-TPS71730DCKR Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
More results

Description similaire - TPS71730DCKR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS717XX TI-TPS717XX_1 Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71750DSER TI1-TPS71750DSER Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX Datasheet
818Kb / 24P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS7A80XX TI-TPS7A80XX_1 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
TPS717 TI1-TPS717_16 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS717-Q1 TI1-TPS717-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS71750-Q1 TI1-TPS71750-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150-mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com