Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS5A623157DGSR Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TS5A623157DGSR
Description  DUAL 10-廓 SPDT ANALOG SWITCH WITH UNDERSHOOT/OVERSHOOT VOLTAGE PROTECTION
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TS5A623157DGSR Fiches technique(HTML) 3 Page - Texas Instruments

  TS5A623157DGSR Datasheet HTML 1Page - Texas Instruments TS5A623157DGSR Datasheet HTML 2Page - Texas Instruments TS5A623157DGSR Datasheet HTML 3Page - Texas Instruments TS5A623157DGSR Datasheet HTML 4Page - Texas Instruments TS5A623157DGSR Datasheet HTML 5Page - Texas Instruments TS5A623157DGSR Datasheet HTML 6Page - Texas Instruments TS5A623157DGSR Datasheet HTML 7Page - Texas Instruments TS5A623157DGSR Datasheet HTML 8Page - Texas Instruments TS5A623157DGSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
www.ti.com
Electrical Characteristics for 5-V Supply
TS5A623157
DUAL 10-
Ω SPDT ANALOG SWITCH
WITH UNDERSHOOT/OVERSHOOT VOLTAGE PROTECTION
SCDS253 – SEPTEMBER 2007
V+ = 4.5 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal
VCOM, VNO,
0
V+
V
range
VNC
Voltage
VIKU
0
≥ (INC, INO, or ICOM) ≥ –50 mA
5.5 V
–2
V
undershoot
25
°C
4.6
11
Peak ON-state
0
≤ (VNO or VNC) ≤ V+,
Switch ON,
rpeak
4.5 V
resistance
ICOM = –30 mA,
See Figure 14
Full
13
VNO or VNC = 0,
25
°C
4
6.5
ICOM = 30 mA
Full
8
VNO or VNC = 2.4 V,
25
°C
4
8
ON-state
Switch ON,
ron
4.5 V
ICOM = –30 mA
resistance
See Figure 14
Full
10
VNO or VNC = 4.5 V,
25
°C
5.5
10
ICOM = –30 mA
Full
12
ON-state
25
°C
0.1
0.14
resistance
VNO or VNC = 3.15 V,
Switch ON,
match
Δron
4.5 V
ICOM = –30 mA,
See Figure 14
Full
0.15
between
channels
ON-state
25
°C
1.5
2
0
≤ (VNO or VNC) ≤ V+,
Switch ON,
resistance
ron(flat)
4.5 V
ICOM = –30 mA,
See Figure 14
Full
4
flatness
NC, NO
25
°C
1
20
INC(OFF),
VNC or VNO = 0 to V+,
Switch OFF,
OFF leakage
5.5 V
nA
INO(OFF)
VCOM = V+ to 0
See Figure 15
Full
150
current
NC, NO
25
°C
1
20
INC(ON),
VNC or VNO = 0 to V+,
Switch ON,
ON leakage
5.5 V
nA
INO(ON)
VCOM = Open,
See Figure 16
Full
150
current
COM
25
°C
1
20
VNC or VNO = Open,
Switch ON,
ON leakage
ICOM(ON)
5.5 V
nA
VCOM = 0 to V+,
See Figure 16
Full
150
current
Digital Control Input (IN)
Input logic high
VIH
Full
V+ × 0.7
5.5
V
Input logic low
VIL
Full
0
V+ × 0.3
V
25
°C
0.1
10
Input leakage
IIH, IIL
VI = 5.5 V or 0
5.5 V
nA
current
Full
30
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TS5A623157


Numéro de pièce similaire - TS5A623157DGSR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A623157DGSR TI1-TS5A623157DGSR Datasheet
1Mb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH WITH UNDERSHOOT/OVERSHOOT VOLTAGE PROTECTION
More results

Description similaire - TS5A623157DGSR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A623157 TI1-TS5A623157_14 Datasheet
1Mb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH WITH UNDERSHOOT/OVERSHOOT VOLTAGE PROTECTION
logo
ON Semiconductor
NLAS52231 ONSEMI-NLAS52231 Datasheet
149Kb / 9P
   Ultra-Low 0.4廓 Dual SPDT Analog Switch with Overshoot
September, 2007 - Rev. 1
logo
Fairchild Semiconductor
NC7SBU3157 FAIRCHILD-NC7SBU3157_05 Datasheet
169Kb / 11P
   Low Voltage SPDT Analog Switch with 2V Undershoot Protection
logo
Texas Instruments
TS5A23157 TI1-TS5A23157_14 Datasheet
1,003Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157 TI-TS5A23157_10 Datasheet
672Kb / 23P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
logo
Fairchild Semiconductor
NC7SBU3157 FAIRCHILD-NC7SBU3157 Datasheet
127Kb / 10P
   TinyLogic. Low Voltage UHS SPDT Analog Switch with .2V Undershoot Protection
logo
Texas Instruments
TS5A23157 TI-TS5A23157_15 Datasheet
1,016Kb / 30P
[Old version datasheet]   TS5A23157 Dual 10-廓 SPDT Analog Switch
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157 Datasheet
198Kb / 7P
   10-廓 SPDT Analog Switch
logo
Texas Instruments
TS5A3157 TI1-TS5A3157_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
TS3A5018_101 TI-TS3A5018_101 Datasheet
830Kb / 29P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com