Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS658610ZQZR Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce TPS658610ZQZR
Description  Advanced Power Management Unit
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS658610ZQZR Fiches technique(HTML) 4 Page - Texas Instruments

  TPS658610ZQZR Datasheet HTML 1Page - Texas Instruments TPS658610ZQZR Datasheet HTML 2Page - Texas Instruments TPS658610ZQZR Datasheet HTML 3Page - Texas Instruments TPS658610ZQZR Datasheet HTML 4Page - Texas Instruments TPS658610ZQZR Datasheet HTML 5Page - Texas Instruments TPS658610ZQZR Datasheet HTML 6Page - Texas Instruments TPS658610ZQZR Datasheet HTML 7Page - Texas Instruments TPS658610ZQZR Datasheet HTML 8Page - Texas Instruments TPS658610ZQZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 104 page
background image
2.3
ELECTRICAL CHARACTERISTICS
TPS658610
Advanced Power Management Unit
SLVS884 – JUNE 2009
www.ti.com
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
QUIESCENT CURRENT – V(BAT) = 4.2V NO EXTERNAL LOADS AT SYS PIN OR SUPPLY OUTPUTS
Quiescent current, 6586x in normal or sleep
IQ(ON)
Power path active, control logic in low power mode
(1)
375
µA
mode. All supplies, peripherals and charger off
IQ(DIGITAL)
Quiescent current, control logic
Control logic in high power mode
(2)
716
870
µA
SM0, SM1: enabled, PFM mode, from SYS pin
14
25
µA
SM2: enabled, PFM mode, from SYS pin
19
32
µA
IQ(SMn)
SM0, SM1, SM2 operating quiescent current
SM0, SM1, SM2: enabled, PWM mode, from VINSMn pin
6
mA
1
µA
disabled via I
2C
I(LDOx) = no external load
24
29
µA
I(LDOx) = –1 mA
24
150
µA
LDO quiescent current, All but one LDOx
IQ(LDOx)
disabled
I(LDOx) = –50 mA
160
µA
LDO disabled, TJ = 85°C
1
3
µA
SM3 enabled, not switching
15
30
µA
Enabled, switching
200
µA
IQ(SM3)
SM3 operating quiescent current
1
µA
Disabled via I
2C
Conversion active
1
mA
Not converting, waiting for trigger
170
µA
IQ(ADC)
ADC operating quiescent current
1
µA
ADC disabled via I
2C
RTC_OUT LDO enabled
27
45
µA
RTC_OUT disabled via I
2C, T
J = 85°C . Externally applied
(3)
IQ(RTC)
RTC_OUT pin quiescent current
15
µA
V(RTC_OUT) = 2 V supplies real time clock counters and xtal
oscillator
32k buffer enabled, 100 pF external load
24
µA
IQ(V32K)
V32K supply bias current , 32k buffer enabled
8
µA
Disabled via I
2C
Charger enabled, termination detected
40
50
µA
IQ(CHG)
Charger quiescent current
Charger enabled, termination disabled, charge current=0
2
mA
Charger disabled
5
10
µA
I
2C INTERFACE TIMING – SDA, PSDA, PSCLK, SCLK
TR
SCLK/SDATA rise time
300
ns
TF
SCLK/SDATA fall time
300
ns
TW(H)
SCLK pulse width high
600
ns
TW(L)
SCLK Pulse Width Low
1.3
µs
TSU(STA)
Setup time for START condition
600
ns
TH(STA)
START condition hold time after which first clock
600
ns
pulse is generated
Pull-up resistors connected to 2.2V
TSU(DAT)
Data setup time
100
ns
TH(DAT)
Data hold time
0
ns
TSU(STOP)
Setup time for STOP condition
600
ns
T(BUF)
Bus free time between START and STOP
1.3
µs
condition
FSCL
Clock Frequency
400
kHz
I
2C BUFFERS – SDA, PSDA, PSCLK, SCLK
VIL(I2C)
Low level input voltage
0.4
V
VIH(I2C)
High level input voltage
1.15
V
VOL(I2C)
Low level output voltage
SDA, PSDA configured as output, IOL=3mA
0.4
V
IO(I2C)
Maximum load current
SDA, PSDA configured as output
8
mA
ILKG(I2C)
Input current
V(pin)=5V or 0V
1.0
µA
CI2C
Input pin capacitance
SDAT, SCLK, PSDAT, PSCLK pins
10
pF
CI2CBUS
SDAT, SCLK, PSDAT, PSCLK
400
pF
I
2C bus capacitance
(1)
Control logic in low power mode when all functions are off and no I2C communication is on going
(2)
Control logic in high power mode when one of the following events happen: 6586x in power-up/rtc/rtc_on/supplyseq states, any
converter in PWM mode, SM3 enabled, PWM driver enabled, ADC conversion on-going, I2C communication on-going, voltage transition
for DVM supplies on-going, charger on, AC or USB supply detected.
(3)
External voltage supplied by supercap or coin cell connected to RTC_OUT pin, see application diagram for details.
Electrical Specifications
4
Submit Documentation Feedback


Numéro de pièce similaire - TPS658610ZQZR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS658610A TI1-TPS658610A Datasheet
466Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658610AZQZR TI1-TPS658610AZQZR Datasheet
466Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658610AZQZT TI1-TPS658610AZQZT Datasheet
466Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
More results

Description similaire - TPS658610ZQZR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
TPS658622A TI-TPS658622A Datasheet
291Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
TPS658621A TI-TPS658621A_1 Datasheet
3Mb / 107P
[Old version datasheet]   Advanced Power Management Unit
logo
Active-Semi, Inc
ACT8892 ACTIVE-SEMI-ACT8892_17 Datasheet
1Mb / 32P
   Advanced Power Management Unit
Rev 3, 28-June-17
logo
Texas Instruments
TPS658629-Q1 TI1-TPS658629-Q1 Datasheet
849Kb / 9P
[Old version datasheet]   Advanced Power Management Unit
TPS658620 TI-TPS658620 Datasheet
4Mb / 104P
[Old version datasheet]   Advanced Power Management Unit
TPS658622B TI-TPS658622B Datasheet
287Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658643 TI-TPS658643_V01 Datasheet
804Kb / 9P
[Old version datasheet]   Advanced Power Management Unit
TPS658621A TI-TPS658621A Datasheet
3Mb / 105P
[Old version datasheet]   Advanced Power Management Unit
TPS658621C TI-TPS658621C Datasheet
368Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com