Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS65930BZCH Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce TPS65930BZCH
Description  Integrated Power Management Audio Codec (TPS65930 Only)
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS65930BZCH Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS65930BZCH Datasheet HTML 6Page - Texas Instruments TPS65930BZCH Datasheet HTML 7Page - Texas Instruments TPS65930BZCH Datasheet HTML 8Page - Texas Instruments TPS65930BZCH Datasheet HTML 9Page - Texas Instruments TPS65930BZCH Datasheet HTML 10Page - Texas Instruments TPS65930BZCH Datasheet HTML 11Page - Texas Instruments TPS65930BZCH Datasheet HTML 12Page - Texas Instruments TPS65930BZCH Datasheet HTML 13Page - Texas Instruments TPS65930BZCH Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 114 page
background image
1.1
Features
TPS65930/TPS65920
Integrated Power Management
\Audio Codec (TPS65930 Only)
SWCS037D – MAY 2008 – REVISED JUNE 2009
www.ti.com
The TPS65930 and TPS65920 devices offer the following features:
• Power:
Three efficient stepdown converters
Four external linear LDOs for clocks and peripherals
SmartReflex dynamic voltage management
• Audio (TPS65930 device only):
Differential input main microphones
Mono auxiliary/FM input
External predrivers for class D (stereo)
TDM interface
Automatic level control (ALC)
Digital and analog mixing
16-bit linear audio stereo DAC (96, 48, 44.1, and 32 kHz and derivatives)
16-bit linear audio stereo ADC (48, 44.1, and 32 kHz and derivatives)
Carkit
• USB:
USB 2.0 on-the-go (OTG)-compliant HS transceivers
12-bit universal transceiver macro interface ULPI
USB power supply (5-V charge pump for VBUS)
Consumer Electronics Association (CEA)-2011: OTG transceiver interface specification
CEA-936A: Mini-USB analog carkit specification
• Additional Features:
LED driver circuit for two external LEDs
Two external 10-bit MADC inputs
Real-time clock (RTC) and retention modules
HS I2C serial control
Thermal shutdown and hot-die detection
Keypad Interface (up to 6
× 6)
External vibrator control
15 GPIOs
0.65 mm pitch, 139 pin, 10
× 10 mm package
• Charger:
Backup battery charger
Introduction
10
Submit Documentation Feedback


Numéro de pièce similaire - TPS65930BZCH

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65930BZCH TI1-TPS65930BZCH Datasheet
1Mb / 117P
[Old version datasheet]   Integrated Power Management / Audio Codec (TPS65930 Only)
APRIL2011
TPS65930BZCHR TI1-TPS65930BZCHR Datasheet
1Mb / 117P
[Old version datasheet]   Integrated Power Management / Audio Codec (TPS65930 Only)
APRIL2011
More results

Description similaire - TPS65930BZCH

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65930 TI1-TPS65930_11 Datasheet
1Mb / 117P
[Old version datasheet]   Integrated Power Management / Audio Codec (TPS65930 Only)
APRIL2011
TPS65950 TI-TPS65950_1 Datasheet
180Kb / 8P
[Old version datasheet]   Integrated Power Management/Audio Codec
TPS65950A2ZXN TI-TPS65950A2ZXN Datasheet
1Mb / 171P
[Old version datasheet]   Integrated Power Management/Audio Codec
TPS65951 TI1-TPS65951 Datasheet
1Mb / 170P
[Old version datasheet]   Integrated Power Management/Audio Codec
TPS65950 TI-TPS65950 Datasheet
2Mb / 166P
[Old version datasheet]   Integrated Power Management/Audio Codec Silicon Revision 1.0
logo
ams AG
AS3514 AMSCO-AS3514 Datasheet
65Kb / 3P
   Stereo Audio Codec with System Power Management
AS3515 AMSCO-AS3515 Datasheet
164Kb / 3P
   Stereo Audio Codec with System Power Management
AS3515 AMSCO-AS3515_08 Datasheet
3Mb / 67P
   Stereo Audio Codec with System Power Management
AS3518 AMSCO-AS3518 Datasheet
417Kb / 3P
   Stereo Audio Codec with enhanced System Power Management
AS3517 AMSCO-AS3517_08 Datasheet
4Mb / 94P
   Stereo Audio Codec with enhanced System Power Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com