Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62273 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS62273
Description  2.25 MHz 400-mA Step Down Converter With Selectable VOUT
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS62273 Fiches technique(HTML) 3 Page - Texas Instruments

  TPS62273 Datasheet HTML 1Page - Texas Instruments TPS62273 Datasheet HTML 2Page - Texas Instruments TPS62273 Datasheet HTML 3Page - Texas Instruments TPS62273 Datasheet HTML 4Page - Texas Instruments TPS62273 Datasheet HTML 5Page - Texas Instruments TPS62273 Datasheet HTML 6Page - Texas Instruments TPS62273 Datasheet HTML 7Page - Texas Instruments TPS62273 Datasheet HTML 8Page - Texas Instruments TPS62273 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ELECTRICAL CHARACTERISTICS
TPS62270, TPS62272
TPS62273
www.ti.com ........................................................................................................................................... SLVS799C – NOVEMBER 2007 – REVISED JANUARY 2009
Over full operating ambient temperature range, typical values are at TA = 25°C. Unless otherwise noted, specifications apply
for condition VIN = EN = 3.6V. External components CIN = 4.7µF 0603, COUT = 10µF 0603, L = 2µH, see the parameter
measurement information.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
VIN
Input voltage range
2
6
V
2.5 V
≤ VIN ≤ 6 V
400
IOUT
Output current
mA
2 V
≤ VIN ≤ 2.5 V
150
IOUT = 0 mA, device not switching
15
IQ
Operating quiescent current
µA
IOUT = 0 mA, device switching with no load,
18
VOUT = 1.15V
ISD
Shutdown current
EN = GND
0.1
1
µA
Falling
1.85
UVLO
Undervoltage lockout threshold
V
Rising
1.95
ENABLE, VSEL
VIH
High level input voltage, EN, VSEL
2 V
≤ VIN ≤ 6 V
1
VIN
V
VIL
Low Level Input Voltage, EN, VSEL
2 V
≤ VIN ≤ 6 V
0
0.4
V
IIN
Input bias Current, EN, VSEL
EN, VSEL = GND or VIN
0.01
1.0
µA
POWER SWITCH
High side MOSFET on-resistance
VIN = VGS = 3.6V, TA = 25°C
240
480
m
RDS(on)
Low side MOSFET on-resistance
VIN = VGS = 3.6V, TA = 25°C
180
380
m
Forward current limit MOSFET high-side and
ILIMF
VIN = VGS = 3.6 V
0.56
0.7
0.84
A
low side
Thermal shutdown
Increasing junction temperature
140
TSD
°C
Thermal shutdown hysteresis
Decreasing junction temperature
20
OSCILLATOR
fSW
Oscillator frequency
2 V
≤ VIN ≤ 6 V
2
2.25
2.5
MHz
OUTPUT
1.16
VSEL = 1
1.13
1.15
7
PWM operation, 2 V
≤ VIN ≤ 6 V,
TPS62270
FB pin connected to VOUT
(1)
0.88
0.91
VSEL = 0
0.9
6
4
VOUT
Output voltage PWM
V
VSEL = 1
3.23
3.3
3.37
PWM operation, 2 V
≤ VIN ≤ 6 V,
TPS62272
FB pin connected to VOUT
(1)
VSEL = 0
2.06
2.1
2.14
VSEL = 1
3.23
3.3
3.37
PWM operation,
TPS62273
FB pin connected to VOUT
(1)
VSEL = 0
2.45
2.5
2.55
VSEL = 1
1.16
TPS62270
VSEL = 0
0.91
VSEL = 1
3.34
Output voltage in PFM mode, voltage
VOUT
TS62272
V
positioning
VSEL = 0
2.12
VSEL = 1
3.34
TPS62273
VSEL = 0
2.53
tStart
Start-up time
Time from active EN to reach 95% of VOUT
500
µs
tRamp
VOUT ramp up time
Time to ramp from 5% to 95% of VOUT
250
µs
Ilkg
Leakage Current into SW pin
VIN = 3.6 V, VIN = VOUT = VSW, EN = GND
(2)
0.1
1
µA
(1)
For VIN = VOUT + 0.6 V
(2)
In fixed output voltage versions, the internal resistor divider network is disconnected from FB pin.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS62270 TPS62272 TPS62273


Numéro de pièce similaire - TPS62273

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62273 TI-TPS62273 Datasheet
983Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62273DRV TI-TPS62273DRV Datasheet
983Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62273DRVR TI-TPS62273DRVR Datasheet
983Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62273DRVRG4 TI-TPS62273DRVRG4 Datasheet
983Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62273DRVT TI-TPS62273DRVT Datasheet
983Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
More results

Description similaire - TPS62273

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62270 TI-TPS62270_08 Datasheet
983Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270_15 Datasheet
750Kb / 25P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270 Datasheet
917Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62404-Q1 TI1-TPS62404-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
TPS62400-Q1 TI1-TPS62400-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
TPS62406-Q1 TI1-TPS62406-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Automotive 2.25-MHz Fixed VOUT Dual Step-Down Converter
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
TPS65000-Q1 TI1-TPS65000-Q1_15 Datasheet
2Mb / 29P
[Old version datasheet]   2.25-MHz Step-Down Converter
TPS62260-Q1 TI1-TPS62260-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62260-Q1 TI1-TPS62260-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com