Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54325PWPR Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS54325PWPR
Description  4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS54325PWPR Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS54325PWPR Datasheet HTML 4Page - Texas Instruments TPS54325PWPR Datasheet HTML 5Page - Texas Instruments TPS54325PWPR Datasheet HTML 6Page - Texas Instruments TPS54325PWPR Datasheet HTML 7Page - Texas Instruments TPS54325PWPR Datasheet HTML 8Page - Texas Instruments TPS54325PWPR Datasheet HTML 9Page - Texas Instruments TPS54325PWPR Datasheet HTML 10Page - Texas Instruments TPS54325PWPR Datasheet HTML 11Page - Texas Instruments TPS54325PWPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
V = 18 V
I
V = 12 V
I
V = 5.5 V
I
1.100
1.075
1.050
1.025
1.000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
I
- Output Current - A
OUT
I = 0 A
o
I = 1 A
o
1.100
1.075
1.050
1.025
1.000
V - Input Voltage - V
IN
0
5
10
15
20
V
(50 mV / div)
OUT
I
(2 A / div)
OUT
100 s / div
µ
EN (10 V / div)
V
(0.5 V / div)
OUT
PG (5 V / div)
400 s / div
µ
TPS54325
SLVS932A – MAY 2009 – REVISED JULY 2009 ................................................................................................................................................................ www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 3. 1.05-V OUTPUT VOLTAGE vs. OUTPUT
Figure 4. 1.05-V OUTPUT VOLTAGE vs. INPUT VOLTAGE
CURRENT
Figure 5. 1.05-V, 0-A TO 3-A LOAD TRANSIERESPONSE
Figure 6. START-UP WAVE FORM
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS54325


Numéro de pièce similaire - TPS54325PWPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54325PWPR TI-TPS54325PWPR Datasheet
970Kb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
More results

Description similaire - TPS54325PWPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54325 TI-TPS54325_10 Datasheet
970Kb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325-Q1 TI-TPS54325-Q1_15 Datasheet
656Kb / 21P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54325-Q1 TI1-TPS54325-Q1 Datasheet
669Kb / 18P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54325 TI-TPS54325_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS54325 4.5-V to 18-V, 3-A Output Synchronous Step Down Switcher with Integrated FET
TPS54350-EP TI-TPS54350-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350-EP TI1-TPS54350-EP Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350 TI-TPS54350 Datasheet
437Kb / 27P
[Old version datasheet]   4.5-V 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET(SWIFT)
TPS54427 TI1-TPS54427 Datasheet
964Kb / 21P
[Old version datasheet]   4.5V to 18 V Input, 4-A Output Single Synchronous Step-Down Switcher with Integrated FET (SWIFT??
TPS54550 TI-TPS54550 Datasheet
1Mb / 27P
[Old version datasheet]   4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT)
TPS54550 TI-TPS54550_15 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com