Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLV320AIC3007 Fiches technique(PDF) 50 Page - Texas Instruments

Click here to check the latest version.
No de pièce TLV320AIC3007
Description  LOW-POWER STEREO AUDIO CODEC WITH INTEGRATED MONO CLASS-D AMPLIFIER
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC3007 Fiches technique(HTML) 50 Page - Texas Instruments

Back Button TLV320AIC3007 Datasheet HTML 46Page - Texas Instruments TLV320AIC3007 Datasheet HTML 47Page - Texas Instruments TLV320AIC3007 Datasheet HTML 48Page - Texas Instruments TLV320AIC3007 Datasheet HTML 49Page - Texas Instruments TLV320AIC3007 Datasheet HTML 50Page - Texas Instruments TLV320AIC3007 Datasheet HTML 51Page - Texas Instruments TLV320AIC3007 Datasheet HTML 52Page - Texas Instruments TLV320AIC3007 Datasheet HTML 53Page - Texas Instruments TLV320AIC3007 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 98 page
background image
TLV320AIC3007
SLOS619 – APRIL 2009 ..................................................................................................................................................................................................... www.ti.com
Page 0 / Register 8:
Audio Serial Data Interface Control Register A
BIT
READ/
RESET
DESCRIPTION
WRITE
VALUE
D7
R/W
0
Bit Clock Directional Control
0: BCLK is an input (slave mode)
1: BCLK is an output (master mode)
D6
R/W
0
Word Clock Directional Control
0: WCLK (or GPIO1 if programmed as WCLK) is an input (slave mode)
1: WCLK (or GPIO1 if programmed as WCLK) is an output (master mode)
D5
R/W
0
Serial Output Data Driver (DOUT) 3-State Control
0: Do not 3-state DOUT when valid data is not being sent
1: 3-State DOUT when valid data is not being sent
D4
R/W
0
Bit/ Word Clock Drive Control
0:
BCLK / WCLK (or GPIO1 if programmed as WCLK) will not continue to be transmitted when running
in master mode if codec is powered down
1:
BCLK / WCLK (or GPIO1 if programmed as WCLK) will continue to be transmitted when running in
master mode - even if codec is powered down
D3
R/W
0
Reserved. Don’t write to this register bit.
D2
R/W
0
3-D Effect Control
0: Disable 3-D digital effect processing
1: Enable 3-D digital effect processing
D1-D0
R/W
00
Reserved. Write Only zeroes to these bits.
Page 0 / Register 9:
Audio Serial Data Interface Control Register B
BIT
READ/
RESET
DESCRIPTION
WRITE
VALUE
D7–D6
R/W
00
Audio Serial Data Interface Transfer Mode
00: Serial data bus uses I2S mode
01: Serial data bus uses DSP mode
10: Serial data bus uses right-justified mode
11: Serial data bus uses left-justified mode
D5–D4
R/W
00
Audio Serial Data Word Length Control
00: Audio data word length = 16-bits
01: Audio data word length = 20-bits
10: Audio data word length = 24-bits
11: Audio data word length = 32-bits
D3
R/W
0
Bit Clock Rate Control
This register only has effect when bit clock is programmed as an output
0: Continuous-transfer mode used to determine master mode bit clock rate
1: 256-clock transfer mode used, resulting in 256 bit clocks per frame
D2
R/W
0
DAC Re-Sync
0: Don’t Care
1: Re-Sync Stereo DAC with Codec Interface if the group delay changes by more than ±DACFS/4.
D1
R/W
0
ADC Re-Sync
0: Don’t Care
1: Re-Sync Stereo ADC with Codec Interface if the group delay changes by more than ±ADCFS/4.
D0
R/W
Re-Sync Mute Behavior
0: Re-Sync is done without soft-muting the channel. (ADC/DAC)
1: Re-Sync is done by internally soft-muting the channel. (ADC/DAC)
50
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TLV320AIC3007


Numéro de pièce similaire - TLV320AIC3007

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLV320AIC31 TI-TLV320AIC31 Datasheet
2Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320AIC31 BURR-BROWN-TLV320AIC31 Datasheet
1Mb / 77P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3100 TI1-TLV320AIC3100 Datasheet
1Mb / 129P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Mono Class-D Amplifier
TLV320AIC3100IRHBR TI1-TLV320AIC3100IRHBR Datasheet
1Mb / 129P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Mono Class-D Amplifier
TLV320AIC3100IRHBT TI1-TLV320AIC3100IRHBT Datasheet
1Mb / 129P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Mono Class-D Amplifier
More results

Description similaire - TLV320AIC3007

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLV320AIC3107 TI-TLV320AIC3107 Datasheet
1Mb / 94P
[Old version datasheet]   LOW-POWER STEREO CODEC WITH INTEGRATED MONO CLASS-D SPEAKER AMPLIFIER
TLV320AIC3107 TI-TLV320AIC3107_15 Datasheet
2Mb / 100P
[Old version datasheet]   TLV320AIC3107 Low-Power Stereo Codec With Integrated Mono Class-D Speaker Amplifier
TLV320AIC3100 TI1-TLV320AIC3100 Datasheet
1Mb / 129P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Mono Class-D Amplifier
TLV320AIC3120 TI1-TLV320AIC3120 Datasheet
1Mb / 155P
[Old version datasheet]   Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320AIC3110 TI1-TLV320AIC3110 Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Procsessing and Stereo Class-D Speaker Amplifier
TLV320AIC3110 TI1-TLV320AIC3110_14 Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Procsessing and Stereo Class-D Speaker Amplifier
TLV320AIC3110IRHBT TI1-TLV320AIC3110IRHBT Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320AIC3120 TI1-TLV320AIC3120_16 Datasheet
3Mb / 160P
[Old version datasheet]   TLV320AIC3120 Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3100 TI1-TLV320DAC3100 Datasheet
1Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320DAC3100-Q1 TI-TLV320DAC3100-Q1_15 Datasheet
1Mb / 101P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com