Moteur de recherche de fiches techniques de composants électroniques |
|
TCA9555RTWR Fiches technique(PDF) 9 Page - Texas Instruments |
|
|
TCA9555RTWR Fiches technique(HTML) 9 Page - Texas Instruments |
9 / 32 page Register Descriptions Power-On Reset TCA9555 www.ti.com .............................................................................................................................................................. SCPS200A – JULY 2009 – REVISED JULY 2009 The Input Port registers (registers 0 and 1) reflect the incoming logic levels of the pins, regardless of whether the pin is defined as an input or an output by the Configuration register. It only acts on read operation. Writes to these registers have no effect. The default value, X, is determined by the externally applied logic level. Before a read operation, a write transmission is sent with the command byte to indicate to the I2C device that the Input Port register will be accessed next. Registers 0 and 1 (Input Port Registers) Bit I0.7 I0.6 I0.5 I0.4 I0.3 I0.2 I0.1 I0.0 Default X X X X X X X X Bit I1.7 I1.6 I1.5 I1.4 I1.3 I1.2 I1.1 I1.0 Default X X X X X X X X The Output Port registers (registers 2 and 3) show the outgoing logic levels of the pins defined as outputs by the Configuration register. Bit values in this register have no effect on pins defined as inputs. In turn, reads from this register reflect the value that is in the flip-flop controlling the output selection, not the actual pin value. Registers 2 and 3 (Output Port Registers) Bit O0.7 O0.6 O0.5 O0.4 O0.3 O0.2 O0.1 O0.0 Default 1 1 1 1 1 1 1 1 Bit O1.7 O1.6 O1.5 O1.4 O1.3 O1.2 O1.1 O1.0 Default 1 1 1 1 1 1 1 1 The Polarity Inversion registers (registers 4 and 5) allow polarity inversion of pins defined as inputs by the Configuration register. If a bit in this register is set (written with 1), the corresponding port pin's polarity is inverted. If a bit in this register is cleared (written with a 0), the corresponding port pin's original polarity is retained. Registers 4 and 5 (Polarity Inversion Registers) Bit N0.7 N0.6 N0.5 N0.4 N0.3 N0.2 N0.1 N0.0 Default 0 0 0 0 0 0 0 0 Bit N1.7 N1.6 N1.5 N1.4 N1.3 N1.2 N1.1 N1.0 Default 0 0 0 0 0 0 0 0 The Configuration registers (registers 6 and 7) configure the directions of the I/O pins. If a bit in this register is set to 1, the corresponding port pin is enabled as an input with a high-impedance output driver. If a bit in this register is cleared to 0, the corresponding port pin is enabled as an output. Registers 6 and 7 (Configuration Registers) Bit C0.7 C0.6 C0.5 C0.4 C0.3 C0.2 C0.1 C0.0 Default 1 1 1 1 1 1 1 1 Bit C1.7 C1.6 C1.5 C1.4 C1.3 C1.2 C1.1 C1.0 Default 1 1 1 1 1 1 1 1 When power (from 0 V) is applied to VCC, an internal power-on reset holds the TCA9555 in a reset condition until VCC has reached VPOR. At that point, the reset condition is released and the TCA9555 registers and I 2C/SMBus state machine initialize to their default states. After that, VCC must be lowered to below 0.2 V and then back up to the operating voltage for a power-reset cycle. Copyright © 2009, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Link(s): TCA9555 |
Numéro de pièce similaire - TCA9555RTWR |
|
Description similaire - TCA9555RTWR |