Moteur de recherche de fiches techniques de composants électroniques |
|
TPS76725 Fiches technique(PDF) 5 Page - Texas Instruments |
|
TPS76725 Fiches technique(HTML) 5 Page - Texas Instruments |
5 / 20 page TPS76715Q, TPS76718Q, TPS76725Q, TPS76727Q TPS76728Q, TPS76730Q TPS76733Q, TPS76750Q, TPS76701Q FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS SLVS208C – MAY 1999 – REVISED SEPTEMBER 1999 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 timing diagram † Vres is the minimum input voltage for a valid RESET. The symbol Vres is not currently listed within EIA or JEDEC standards for semiconductor symbology. VI Vres† Vres t t t VO Threshold Voltage RESET Output 200 ms Delay 200 ms Delay Output Undefined Output Undefined VIT +‡ VIT –‡ VIT –‡ VIT +‡ Less than 5% of the output voltage ‡ VIT –Trip voltage is typically 5% lower than the output voltage (95%VO) VIT– to VIT+ is the hysteresis voltage. |
Numéro de pièce similaire - TPS76725 |
|
Description similaire - TPS76725 |