Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL082SG-13 Fiches technique(PDF) 6 Page - Diodes Incorporated

No de pièce TL082SG-13
Description  GENERAL PURPOSE JFET INPUT OPERATIONAL AMPLIFIERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TL082SG-13 Fiches technique(HTML) 6 Page - Diodes Incorporated

Back Button TL082SG-13 Datasheet HTML 2Page - Diodes Incorporated TL082SG-13 Datasheet HTML 3Page - Diodes Incorporated TL082SG-13 Datasheet HTML 4Page - Diodes Incorporated TL082SG-13 Datasheet HTML 5Page - Diodes Incorporated TL082SG-13 Datasheet HTML 6Page - Diodes Incorporated TL082SG-13 Datasheet HTML 7Page - Diodes Incorporated TL082SG-13 Datasheet HTML 8Page - Diodes Incorporated TL082SG-13 Datasheet HTML 9Page - Diodes Incorporated TL082SG-13 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TL082
GENERAL PURPOSE JFET INPUT OPERATIONAL
AMPLIFIERS
TL082 Rev. 1
6 of 11
JULY 2009
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
(Continued)
Maximum Peak Output Voltage vs Frequency
0.0
2.5
5.0
7.5
10.0
12.5
15.0
Frequency (Hz)
VCC±=±15V
RL=2kΩ
TA=25℃
See Figure 2
VCC±=±10V
VCC±=±5V
100
1k
10k
100k
1M
10M
0
Maximum Peak Output Voltage vs Frequency
0.0
2.5
5.0
7.5
10.0
12.5
15.0
Frequency (Hz)
TA=25℃
VCC±=±15V
RL=2kΩ
See Figure 2
TA=-40℃
TA=85℃
10k
40k
100k
400k
1M
4M
10M
0
Input Bias Current vs Temperature
0.01
0.10
1.00
10.00
100.00
-50
-25
0
25
50
75
100
TA-Free Air Temperature (℃)
VCC±=±15V
100
10
1
0.1
0.01
Large Signal
Differential Voltage Amplification vs Temperature
1
10
100
1000
-50
-25
0
25
50
75
100
TA-Free-Air Temperature (℃)
VCC±=±15V
VO=±10V
RL=2kΩ
400
200
1000
100
40
10
20
1
20
40


Numéro de pièce similaire - TL082SG-13

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
TL082 NSC-TL082 Datasheet
821Kb / 12P
   Wide Bandwidth Dual JFET Input Operational Amplifier
logo
Unisonic Technologies
TL082 UTC-TL082 Datasheet
300Kb / 9P
   GENERAL PURPOSE DUAL J-FET OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TL082 STMICROELECTRONICS-TL082 Datasheet
108Kb / 11P
   GENERAL PURPOSE J-FET DUAL OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
TL082 UTC-TL082 Datasheet
241Kb / 7P
   GENERAL PURPOSE DUAL J-FET OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL082 TI-TL082 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
More results

Description similaire - TL082SG-13

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TL081 STMICROELECTRONICS-TL081_08 Datasheet
338Kb / 15P
   General purpose JFET single operational amplifiers
TL082 STMICROELECTRONICS-TL082_08 Datasheet
337Kb / 17P
   General purpose JFET dual operational amplifiers
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
[Old version datasheet]   JFET Input Operational Amplifiers
TL081 TI1-TL081 Datasheet
2Mb / 50P
[Old version datasheet]   JFET-Input Operational Amplifiers
TL091 TI-TL091 Datasheet
610Kb / 8P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN Datasheet
998Kb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF256H TI-LF256H Datasheet
2Mb / 32P
[Old version datasheet]   JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com