Moteur de recherche de fiches techniques de composants électroniques |
|
TPS7150YPW Fiches technique(PDF) 2 Page - Texas Instruments |
|
TPS7150YPW Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 33 page TPS7101Q, TPS7133Q, TPS7148Q, TPS7150Q TPS7101Y, TPS7133Y, TPS7148Y, TPS7150Y LOW-DROPOUT VOLTAGE REGULATORS SLVS092F – NOVEMBER 1994 – REVISED JANUARY 1997 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description (continued) 0.1 0.05 0 0 0.05 0.1 0.15 0.2 0.25 0.3 0.15 0.2 0.25 0.35 0.4 0.45 0.5 IO – Output Current – A TA = 25°C TPS7148 TPS7150 TPS7133 Figure 1. Dropout Voltage Versus Output Current Power good (PG) reports low output voltage and can be used to implement a power-on reset or a low-battery indicator. The TPS71xx is offered in 3.3-V, 4.85-V, and 5-V fixed-voltage versions and in an adjustable version (programmable over the range of 1.2 V to 9.75 V). Output voltage tolerance is specified as a maximum of 2% over line, load, and temperature ranges (3% for adjustable version). The TPS71xx family is available in PDIP (8 pin), SO (8 pin), and TSSOP (20-pin) packages. The TSSOP has a maximum height of 1.2 mm. AVAILABLE OPTIONS TJ OUTPUT VOLTAGE (V) PACKAGED DEVICES CHIP FORM TJ MIN TYP MAX SMALL OUTLINE (D) PLASTIC DIP (P) TSSOP (PW) (Y) 4.9 5 5.1 TPS7150QD TPS7150QP TPS7150QPW TPS7150Y 4.75 4.85 4.95 TPS7148QD TPS7148QP TPS7148QPW TPS7148Y –40 °C to 125°C 3.23 3.3 3.37 TPS7133QD TPS7133QP TPS7133QPW TPS7133Y Adjustable† 1.2 V to 9.75 V TPS7101QD TPS7101QP TPS7101QPW TPS7101Y † The D and PW packages are available taped and reeled. Add R suffix to device type (e.g., TPS7150QDR). The TPS7101Q is programmable using an external resistor divider (see application information). The chip form is tested at 25 °C. |
Numéro de pièce similaire - TPS7150YPW |
|
Description similaire - TPS7150YPW |