Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SC1098A Datasheet(Fiches technique) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Numéro de pièce 2SC1098A
Description  Silicon NPN Power Transistors
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Site Internet  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2SC1098A Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2SC1098A Datenblatt HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SC1098A Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SC1098A Datenblatt HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Specification
www.jmnic.com
2
Silicon NPN Power Transistors
2SC1098 2SC1098A
CHARACTERISTICS
Tj=25? unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEsat
Collector-emitter saturation voltage
IC=1.5A; IB=0.15 A
2.0
V
VBEsat
Base-emitter saturation voltage
IC=1.5A; IB=0.15 A
2.0
V
2SC1098
45
V(BR)CEO
Collector-emitter
breakdown voltage
2SC1098A
IC=10mA; IB=0
60
V
hFE-1
DC current gain
IC=20mA ; VCE=5V
20
hFE-2
DC current gain
IC=0.5A ; VCE=5V
40
250
ICBO
Collector cut-off current
VCB=45V ;IE=0
1.0
?A
IEBO
Emitter cut-off current
VEB=3V; IC=0
1.0
?A
COB
Output capacitance
IE=0; VCB=10V;f=1MHz
40
pF
fT
Transition frequency
IC=0.1A ; VCE=5V
60
MHz
hFE-2 Classifications
N
M
L
K
40-60
50-100
80-160
120-250


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn