Moteur de recherche de fiches techniques de composants électroniques |
|
TPS71H01QPWPRG4 Fiches technique(PDF) 7 Page - Texas Instruments |
|
TPS71H01QPWPRG4 Fiches technique(HTML) 7 Page - Texas Instruments |
7 / 40 page TPS71H01Q, TPS71H33Q, TPS71H48Q, TPS71H50Q LOW-DROPOUT VOLTAGE REGULATORS SLVS152B – NOVEMBER 1996 – REVISED AUGUST 2002 7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TPS71H01 electrical characteristics at IO = 10 mA, VI = 3.5 V, EN = 0 V, CO = 4.7 µF/CSR† = 1 Ω, FB shorted to OUT at device leads (unless otherwise noted) PARAMETER TEST CONDITIONS‡ TJ TPS71H01Q UNIT PARAMETER TEST CONDITIONS‡ TJ MIN TYP MAX UNIT Reference voltage (measured at VI = 3.5 V, IO = 10 mA 25 °C 1.178 V Reference voltage (measured at FB with OUT connected to FB) 2.5 V ≤ VI ≤ 10 V, See Note 1 5 mA ≤ IO ≤ 500 mA, – 40 °C to 125°C 1.143 1.213 V Reference voltage temperature coefficient – 40 °C to 125°C 61 75 ppm/ °C V2 4 V 50 A ≤ I ≤ 150 mA 25 °C 0.7 1 VI = 2.4 V, 50 µA ≤ IO ≤ 150 mA – 40 °C to 125°C 1 V2 4 V 150 mA ≤ I ≤ 500 mA 25 °C 0.83 1.3 Pass-element series resistance VI = 2.4 V, 150 mA ≤ IO ≤ 500 mA – 40 °C to 125°C 1.3 Ω Pass-element series resistance (see Note 2) V2 9 V 50 A ≤ I ≤ 500 mA 25 °C 0.52 0.85 Ω () VI = 2.9 V, 50 µA ≤ IO ≤ 500 mA – 40 °C to 125°C 0.85 VI = 3.9 V, 50 µA ≤ IO ≤ 500 mA 25 °C 0.32 VI = 5.9 V, 50 µA ≤ IO ≤ 500 mA 25 °C 0.23 Input regulation VI = 2.5 V to 10 V, 50 µA ≤ IO ≤ 500 mA, 25 °C 18 mV Input regulation VI = 2.5 V to 10 V, See Note 1 50 µA ≤ IO ≤ 500 mA, – 40 °C to 125°C 25 mV IO = 5 mA to 500 mA, 2.5 V ≤ VI ≤ 10 V, 25 °C 14 mV Output regulation IO = 5 mA to 500 mA, See Note 1 2.5 V ≤ VI ≤ 10 V, – 40 °C to 125°C 25 mV Output regulation IO = 50 µA to 500 mA, 2.5 V ≤ VI ≤ 10 V, 25 °C 22 mV IO = 50 µA to 500 mA, See Note 1 2.5 V ≤ VI ≤ 10 V, – 40 °C to 125°C 54 mV I50 A 25 °C 48 59 Ripple rejection f 120 Hz IO = 50 µA – 40 °C to 125°C 44 dB Ripple rejection f = 120 Hz IO = 500 mA, 25 °C 45 54 dB IO = 500 mA, See Note 1 – 40 °C to 125°C 44 Output noise-spectral density f = 120 Hz 25 °C 2 µV/√Hz 10 H ≤ f ≤ 100 kH CO = 4.7 µF 25 °C 95 Output noise voltage 10 Hz ≤ f ≤ 100 kHz, CSR† =1 Ω CO = 10 µF 25 °C 89 µVrms Out ut noise voltage CSR† = 1 Ω CO = 100 µF 25 °C 74 µVrms PG trip-threshold voltage§ VFB voltage decreasing from above VPG – 40 °C to 125°C 1.101 1.145 V PG hysteresis voltage§ Measured at VFB 25 °C 12 mV PG t t l lt § I 400 A V 2 13 V 25 °C 0.1 0.4 V PG output low voltage§ IPG = 400 µA, VI = 2.13 V – 40 °C to 125°C 0.4 V FB input current 25 °C – 10 0.1 10 nA FB input current – 40 °C to 125°C – 20 20 nA † CSR refers to the total series resistance, including the ESR of the capacitor, any series resistance added externally, and PWB trace resistance to CO. ‡ Pulse-testing techniques are used to maintain virtual junction temperature as close as possible to ambient temperature; thermal effects must be taken into account separately. § Output voltage programmed to 2.5 V with closed-loop configuration (see application information). NOTES: 1. When VI < 2.9 V and IO > 150 mA simultaneously, pass element rDS(on) increases (see Figure 27) to a point such that the resulting dropout voltage prevents the regulator from maintaining the specified tolerance range. 2. To calculate dropout voltage, use equation: VDO = IO ⋅ rDS(on) rDS(on) is a function of both output current and input voltage. The parametric table lists rDS(on) for VI = 2.4 V, 2.9 V, 3.9 V, and 5.9 V, which corresponds to dropout conditions for programmed output voltages of 2.5 V, 3 V, 4 V, and 6 V, respectively. (For other programmed values, see Figure 26.) |
Numéro de pièce similaire - TPS71H01QPWPRG4 |
|
Description similaire - TPS71H01QPWPRG4 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |