Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS71025P Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS71025P
Description  LOW-DROPOUT VOLTAGE REGULATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS71025P Fiches technique(HTML) 4 Page - Texas Instruments

  TPS71025P Datasheet HTML 1Page - Texas Instruments TPS71025P Datasheet HTML 2Page - Texas Instruments TPS71025P Datasheet HTML 3Page - Texas Instruments TPS71025P Datasheet HTML 4Page - Texas Instruments TPS71025P Datasheet HTML 5Page - Texas Instruments TPS71025P Datasheet HTML 6Page - Texas Instruments TPS71025P Datasheet HTML 7Page - Texas Instruments TPS71025P Datasheet HTML 8Page - Texas Instruments TPS71025P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TPS71025
LOW-DROPOUT VOLTAGE REGULATOR
SLVS162A – MAY 1997 – REVISED MAY 1998
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Input voltage range, VI, EN (see Note 1)
– 0.3 V to 11 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO
2 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Tables 1 and 2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
–0
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to GND
DISSIPATION RATING TABLE 1 – FREE-AIR TEMPERATURE‡
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 125°C
POWER RATING
D
725 mW
5.8 mW/
°C
464 mW
145 mW
P
1175 mW
9.4 mW/
°C
752 mW
235 mW
PW
700 mW
5.6 mW/
°C
448 mW
140 mW
DISSIPATION RATING TABLE 2 – CASE TEMPERATURE‡
PACKAGE
TC ≤ 25°C
DERATING FACTOR
TC = 70°C
TC = 125°C
PACKAGE
C
POWER RATING
ABOVE TC = 25°C
C
POWER RATING
C
POWER RATING
D
2188 mW
17.5 mW/
°C
1400 mW
438 mW
P
2738 mW
21.9 mW/
°C
1752 mW
548 mW
PW
4025 mW
32.2 mW/
°C
2576 mW
805 mW
‡ Dissipation rating tables and figures are provided for maintenance of junction temperature at or below
absolute maximum temperature of 150
°C. For guidelines on maintaining junction temperature within
recommended operating range, see the Thermal Information section.
recommended operating conditions
MIN
MAX
UNIT
Input voltage, VI
2.97
10
V
High-level input voltage at EN, VIH
2
V
Low-level input voltage at EN, VIL
0
0.5
V
Output current range, IO
0
500
mA
Operating virtual junction temperature range, TJ
0
125
°C


Numéro de pièce similaire - TPS71025P

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS71025P TI1-TPS71025P Datasheet
876Kb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATOR
TPS71025PE4 TI1-TPS71025PE4 Datasheet
876Kb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATOR
TPS71025PWLE TI1-TPS71025PWLE Datasheet
876Kb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATOR
More results

Description similaire - TPS71025P

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com