Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS61006 Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS61006
Description  SINGLE-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS61006 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS61006 Datasheet HTML 7Page - Texas Instruments TPS61006 Datasheet HTML 8Page - Texas Instruments TPS61006 Datasheet HTML 9Page - Texas Instruments TPS61006 Datasheet HTML 10Page - Texas Instruments TPS61006 Datasheet HTML 11Page - Texas Instruments TPS61006 Datasheet HTML 12Page - Texas Instruments TPS61006 Datasheet HTML 13Page - Texas Instruments TPS61006 Datasheet HTML 14Page - Texas Instruments TPS61006 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
TPS61000, TPS61001, TPS61002, TPS61003, TPS61004, TPS61005, TPS61006
SINGLE-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
SLVS279A – MARCH 2000 – REVISED MAY 2000
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
1.60
1.80
2.00
2
2.40
2.60
2.80
3
3.20
3.40
3.60
1
10
100
1000
VI = 1.2 V
3.3 V
2.5 V
1.8 V
TPS61002/3/6
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
IO – Output Current – mA
Figure 7
Figure 8
1.60
1.80
2
2.20
2.40
2.60
2.80
3
3.20
3.40
3.60
0.1
1
10
100
1000
VO = 3.3 V
TPS61000
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
IO – Output Current – mA
VO = 2.5 V
VO = 1.8 V
Figure 9
0
5
10
15
20
25
30
35
40
45
0.80
1.30
1.80
2.30
2.80
3.30
3.80
TA = 85°C
TA = 25°C
TA = –40°C
NO-LOAD SUPPLY CURRENT
vs
INPUT VOLTAGE
VI – Input Voltage – V
Figure 10
0
200
400
600
800
1000
1200
1400
1600
1800
0.80
1.30
1.80
2.30
2.80
3.30
3.80
SHUTDOWN CURRENT
vs
INPUT VOLTAGE
VI – Input Voltage – V
TA = 85°C
TA = 25°C
TA = –40°C


Numéro de pièce similaire - TPS61006

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61006 TI-TPS61006 Datasheet
393Kb / 22P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61006 TI1-TPS61006 Datasheet
600Kb / 25P
[Old version datasheet]   Single- and Dual-Cell Boost Converter
TPS61006DGS TI-TPS61006DGS Datasheet
393Kb / 22P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61006DGS TI1-TPS61006DGS Datasheet
997Kb / 26P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61006DGSG4 TI1-TPS61006DGSG4 Datasheet
997Kb / 26P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
More results

Description similaire - TPS61006

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61007 TI-TPS61007 Datasheet
393Kb / 22P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61000 TI1-TPS61000_12 Datasheet
997Kb / 26P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
logo
Monolithic Power System...
MP5410 MPS-MP5410 Datasheet
458Kb / 12P
   Low Start-up Voltage Boost Converter with Four SPDT Switches
logo
Texas Instruments
TPS61100 TI1-TPS61100_15 Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61000 TI1-TPS61000_15 Datasheet
600Kb / 25P
[Old version datasheet]   Single- and Dual-Cell Boost Converter
logo
Analog Microelectronics
AME5172 AME-AME5172 Datasheet
108Kb / 12P
   0.85V Single Cell Boost DC-DC Converter
logo
Micro Linear Corporatio...
ML4769 MICRO-LINEAR-ML4769 Datasheet
240Kb / 8P
   2 Cell, Adjustable Output Boost Regulator with Load Disconnect
logo
Fairchild Semiconductor
ILC6383 FAIRCHILD-ILC6383 Datasheet
480Kb / 15P
   1-Cell to 3-Cell Boost DC-DC Converter with True Load Disconnect, 3.3V, 5V or Adjustable Output
logo
Bookly Micro electronic
BM0950HV BOOKLY-BM0950HV Datasheet
238Kb / 2P
   Step-up boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com