Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS60120PWPR Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS60120PWPR
Description  REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS60120PWPR Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS60120PWPR Datasheet HTML 6Page - Texas Instruments TPS60120PWPR Datasheet HTML 7Page - Texas Instruments TPS60120PWPR Datasheet HTML 8Page - Texas Instruments TPS60120PWPR Datasheet HTML 9Page - Texas Instruments TPS60120PWPR Datasheet HTML 10Page - Texas Instruments TPS60120PWPR Datasheet HTML 11Page - Texas Instruments TPS60120PWPR Datasheet HTML 12Page - Texas Instruments TPS60120PWPR Datasheet HTML 13Page - Texas Instruments TPS60120PWPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
TPS60120, TPS60121, TPS60122, TPS60123, TPS60124, TPS60125
REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP
DC/DC CONVERTERS
SLVS257B – NOVEMBER 1999 – REVISED AUGUST 2000
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at CI = 10 µF, C1F = C2F = 2.2 µF, CO = 22 µF, TC = –40°C to 85°C, VI = 2 V,
VFB = VO and V(ENABLE) = VI (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(PGTRIP)
Power-good trip voltage
TPS60121, TPS60123,
TPS60125
TC = 0°C to 70°C
0.86
×
VO
0.90
×
VO
0.94
×
VO
V
Vhys(PG)
Power-good trip voltage
hysteresis
TPS60121, TPS60123,
TPS60125
VO ramping negative,
TCA = 0°C to 70°C
0.8%
VO(PG)
Power-good output
voltage low (see Note 2)
TPS60121, TPS60123,
TPS60125
VO = 0 V, I(PG,SINK) = 1 mA
0.4
V
Ilkg(PG)
Power-good leakage
current
TPS60121, TPS60123,
TPS60125
VO = 3.3 V, V(PG) = 3.3 V
0.01
0.1
µA
NOTE 2: During start-up the LBO and PG output signal is invalid for the first 500
µs.
PARAMETER MEASUREMENT INFORMATION
IN
IN
LBI
C1+
C1–
ENABLE
PGND GND
OUT
OUT
FB
LBO
C2+
C2–
Ci
10
µF
C2
2.2
µF
C1
2.2
µF
R1
R2
Off/On
R3
TPS6012x
Co
2 x 10
µF
Used capacitor types:
Ci: Ceramic, X7R
Co: Ceramic, X7R
C1, C2: Ceramic, X7R
Figure 5. Circuit Used For Typical Characteristics Measurements
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
η
Efficiency
vs Output Current (TPS60120, TPS60122, and TPS60124)
6, 7, 8
η
Efficiency
vs Input Voltage (TPS60120, TPS60122, and TPS60124)
9, 10, 11
I
Supply Current
vs Input Voltage
12
VO
Output Voltage
vs Output Current (TPS60120, TPS60122, and TPS60124)
13, 14, 15
VO
Output Voltage
vs Input Voltage (TPS60120, TPS60122, and TPS60124)
16, 17, 18
VO
Output Voltage Ripple
vs Time
19, 20, 21
VPP
Output Voltage Ripple Amplitude
vs Input Voltage
22
f(OSC)
Oscillator Frequency
vs Input Voltage
23
Load Transient Response
24
Line Transient Response
25
VO
Output Voltage
vs Time (Start-Up Timing)
26


Numéro de pièce similaire - TPS60120PWPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60120PWPR TI-TPS60120PWPR Datasheet
1Mb / 39P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60120PWPRG4 TI-TPS60120PWPRG4 Datasheet
1Mb / 39P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
More results

Description similaire - TPS60120PWPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60120 TI-TPS60120_15 Datasheet
971Kb / 30P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60120 TI-TPS60120_07 Datasheet
1Mb / 39P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI1-TPS60130_16 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130_15 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130 Datasheet
476Kb / 23P
[Old version datasheet]   REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60100 TI-TPS60100_15 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI1-TPS60100_16 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100 Datasheet
348Kb / 22P
[Old version datasheet]   REGULATED 3.3 V 200-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60200 TI-TPS60200 Datasheet
436Kb / 20P
[Old version datasheet]   REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60204 TI-TPS60204_15 Datasheet
568Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-MA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com