Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS60201DGS Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS60201DGS
Description  REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS60201DGS Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS60201DGS Datasheet HTML 6Page - Texas Instruments TPS60201DGS Datasheet HTML 7Page - Texas Instruments TPS60201DGS Datasheet HTML 8Page - Texas Instruments TPS60201DGS Datasheet HTML 9Page - Texas Instruments TPS60201DGS Datasheet HTML 10Page - Texas Instruments TPS60201DGS Datasheet HTML 11Page - Texas Instruments TPS60201DGS Datasheet HTML 12Page - Texas Instruments TPS60201DGS Datasheet HTML 13Page - Texas Instruments TPS60201DGS Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TPS60200, TPS60201, TPS60202, TPS60203
REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP
LOW POWER DC/DC CONVERTERS
SLVS274 – MARCH 2000
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
TPS60200
EFFICIENCY
vs
INPUT VOLTAGE
0
10
20
30
40
50
60
70
80
90
100
1.6
2.0
2.4
2.8
3.2
3.6
VI – Input Voltage – V
IO = 50 mA
Figure 6
30
28
24
22
20
38
26
1.6 1.8
2.0
2.2
2.4
2.6
2.8
34
32
36
V – Input Voltage – V
QUIESCENT SUPPLY CURRENT
vs
INPUT VOLTAGE
40
3.0
3.2
3.4
3.6
I
IO = 0 mA
Figure 7
TPS60200
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
3.2
2.9
3.5
3.4
3.3
3.1
3.0
VI = 1.8 V
VI = 2.4 V
VI = 2.7 V
VI = 3.6 V
IO – Output Current – mA
1
10
100
1000
Figure 8
3
3.05
3.10
3.15
3.20
3.25
3.30
3.35
1
10
100
VI = 3.6 V
VI = 2.7 V
VI = 2.4 V
VI = 1.8 V
TPS60202
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
IO – Output Current – mA


Numéro de pièce similaire - TPS60201DGS

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60201DGS TI1-TPS60201DGS Datasheet
1Mb / 26P
[Old version datasheet]   TPS6020x Regulated 3.3 V, 100-mA Low-Ripple Charge Pump Low Power DC/DC Converters
More results

Description similaire - TPS60201DGS

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60204 TI-TPS60204_15 Datasheet
568Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-MA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60204 TI-TPS60204 Datasheet
388Kb / 18P
[Old version datasheet]   REGULATED 3.3-V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI-TPS60200_15 Datasheet
609Kb / 24P
[Old version datasheet]   REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI1-TPS60200_16 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6020x Regulated 3.3 V, 100-mA Low-Ripple Charge Pump Low Power DC/DC Converters
TPS60101 TI-TPS60101 Datasheet
330Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100_15 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI1-TPS60100_16 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100 Datasheet
348Kb / 22P
[Old version datasheet]   REGULATED 3.3 V 200-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60120 TI-TPS60120 Datasheet
561Kb / 27P
[Old version datasheet]   REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60101 TI-TPS60101_15 Datasheet
496Kb / 24P
[Old version datasheet]   REGULATED 3.3-V 100-ML LOW-NOISE CHARGE PUMP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com