Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS60141PWP Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS60141PWP
Description  LOW POWER DC-DC CONVERTER REGULATED 5 V, 100-mA CHARGE PUMP VOLTAGE TRIPLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS60141PWP Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS60141PWP Datasheet HTML 4Page - Texas Instruments TPS60141PWP Datasheet HTML 5Page - Texas Instruments TPS60141PWP Datasheet HTML 6Page - Texas Instruments TPS60141PWP Datasheet HTML 7Page - Texas Instruments TPS60141PWP Datasheet HTML 8Page - Texas Instruments TPS60141PWP Datasheet HTML 9Page - Texas Instruments TPS60141PWP Datasheet HTML 10Page - Texas Instruments TPS60141PWP Datasheet HTML 11Page - Texas Instruments TPS60141PWP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TPS60140, TPS60141
LOW POWER DC-DC CONVERTER
REGULATED 5 V, 100-mA CHARGE PUMP VOLTAGE TRIPLER
SLVS273– FEBRUARY 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
IN
OUT
TPS6014x
IN
FB
LBI
LBO
Co
10
µF
R1
R2
C2+
C2–
C2
2.2
µF
C1+
C1–
C1
2.2
µF
ENABLE
PGND
GND
OFF/ON
Ci
4.7
µF
Used Capacitor Types:
Ci, Co: Ceramic, X7R, Size 1206
C1, C2: Ceramic, X7R, Size 1206
OUT
Figure 2. Circuit Used For Typical Characteristics Measurements
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
η
Efficiency
vs Output Current
3
η
Efficiency
vs Input Voltage
4
IQ
Quiescent Supply Current
vs Input Voltage
5
VO
Output Voltage
vs Output Current
6
VO
Output Voltage
vs Input Voltage
7
VO
Output Voltage Ripple
8,9,10
VPP
Output Voltage Ripple Amplitude
vs Input Voltage
11
VPP
Output Voltage Ripple Amplitude
vs Output Current
12
f(OSC)
Oscillator Frequency
vs Input Voltage
13
Load Transient Response
14
Line Transient Response
15
VO
Output Voltage
vs Time (Start-up Timing)
16


Numéro de pièce similaire - TPS60141PWP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60141PWP TI1-TPS60141PWP Datasheet
1Mb / 25P
[Old version datasheet]   Low Power DC-DC Converter Regulated
TPS60141PWPR TI1-TPS60141PWPR Datasheet
1Mb / 25P
[Old version datasheet]   Low Power DC-DC Converter Regulated
More results

Description similaire - TPS60141PWP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60140 TI-TPS60140_15 Datasheet
958Kb / 24P
[Old version datasheet]   LOW POWER DC-DC CONVERTER REGULATED 5V,100-MA CHARGE PUMP VOLTAGE TRIPLER
TPS60110 TI1-TPS60110_13 Datasheet
1,005Kb / 26P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60110 TI-TPS60110 Datasheet
291Kb / 20P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60111 TI-TPS60111 Datasheet
278Kb / 19P
[Old version datasheet]   REGULATED 5-V 150-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60101 TI-TPS60101 Datasheet
330Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
logo
STMicroelectronics
ST619LB STMICROELECTRONICS-ST619LB_07 Datasheet
703Kb / 16P
   DC-DC converter regulated 5 V charge pump
ST619LBN STMICROELECTRONICS-ST619LBN Datasheet
696Kb / 17P
   DC-DC converter regulated 5 V charge pump
logo
Texas Instruments
TPS60100 TI-TPS60100_15 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI1-TPS60100_16 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60200 TI-TPS60200 Datasheet
436Kb / 20P
[Old version datasheet]   REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com