Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS60130 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS60130
Description  REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS60130 Fiches technique(HTML) 3 Page - Texas Instruments

  TPS60130 Datasheet HTML 1Page - Texas Instruments TPS60130 Datasheet HTML 2Page - Texas Instruments TPS60130 Datasheet HTML 3Page - Texas Instruments TPS60130 Datasheet HTML 4Page - Texas Instruments TPS60130 Datasheet HTML 5Page - Texas Instruments TPS60130 Datasheet HTML 6Page - Texas Instruments TPS60130 Datasheet HTML 7Page - Texas Instruments TPS60130 Datasheet HTML 8Page - Texas Instruments TPS60130 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TPS60130, TPS60131, TPS60132, TPS60133
REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP
DC/DC CONVERTERS
SLVS258A – NOVEMBER 1999 – REVISED DECEMBER 1999
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block diagram
_
+
Charge Pump
Power Stages
IN
C1+
C1–
OUT
PGND
IN
C2+
C2–
OUT
PGND
FB
Oscillator
Control
Circuit
_
+
+
VREF
_
+
+
Shutdown/
Start-Up
Control
0.8 VI
+
VREF
LBI
GND
LBO
ENABLE
C1F
C2F
TPS60130/TPS60132
_
+
Charge Pump
Power Stages
IN
C1+
C1–
OUT
PGND
IN
C2+
C2–
OUT
PGND
FB
Oscillator
Control
Circuit
_
+
+
VREF
_
+
+
Shutdown/
Start-Up Control
0.8 VI
+
VREF
GND
PG
ENABLE
C1F
C2F
TPS60131/TPS60133


Numéro de pièce similaire - TPS60130

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60130 TI-TPS60130 Datasheet
513Kb / 24P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60130 TI1-TPS60130 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI1-TPS60130 Datasheet
1,011Kb / 26P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60130PWP TI1-TPS60130PWP Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130PWPG4 TI1-TPS60130PWPG4 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
More results

Description similaire - TPS60130

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60130 TI1-TPS60130_16 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130_15 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60120 TI-TPS60120_15 Datasheet
971Kb / 30P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60120 TI-TPS60120_07 Datasheet
1Mb / 39P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60120 TI-TPS60120 Datasheet
561Kb / 27P
[Old version datasheet]   REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60110 TI1-TPS60110_13 Datasheet
1,005Kb / 26P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60110 TI-TPS60110 Datasheet
291Kb / 20P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
logo
Advanced Analog Technol...
AAT1501 AAT-AAT1501_3 Datasheet
840Kb / 15P
   REGULATED CHARGE PUMP DC/DC CONVERTERS
AAT1501 AAT-AAT1501 Datasheet
122Kb / 10P
   REGULATED CHARGE PUMP DC/DC CONVERTERS
logo
STMicroelectronics
ST619LB STMICROELECTRONICS-ST619LB_07 Datasheet
703Kb / 16P
   DC-DC converter regulated 5 V charge pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com