Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3838L30 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce TPS3838L30
Description  NANOPOWER SUPERVISORY CIRCUITS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS3838L30 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS3838L30 Datasheet HTML 3Page - Texas Instruments TPS3838L30 Datasheet HTML 4Page - Texas Instruments TPS3838L30 Datasheet HTML 5Page - Texas Instruments TPS3838L30 Datasheet HTML 6Page - Texas Instruments TPS3838L30 Datasheet HTML 7Page - Texas Instruments TPS3838L30 Datasheet HTML 8Page - Texas Instruments TPS3838L30 Datasheet HTML 9Page - Texas Instruments TPS3838L30 Datasheet HTML 10Page - Texas Instruments TPS3838L30 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TPS3836E18 / J25 / H30 / L30 / K33
TPS3837E18 / J25 / L30 / K33, TPS3838E18 / J25 / L30 / K33
NANOPOWER SUPERVISORY CIRCUITS
SLVS292A – JUNE 2000 – REVISED JANUARY 2002
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
MECHANICAL DATA
DBV (R-PDSO-G5)
PLASTIC SMALL-OUTLINE
0,10
M
0,20
0,95
0
°–8°
0,25
0,35
0,55
Gage Plane
0,15 NOM
4073253-4/E 05/99
2,60
3,00
0,50
0,30
1,50
1,70
4
5
3
1
2,80
3,00
0,95
1,45
0,05 MIN
Seating Plane
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion.
D. Falls within JEDEC MO-178


Numéro de pièce similaire - TPS3838L30

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3838L30-EP TI-TPS3838L30-EP Datasheet
400Kb / 15P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
TPS3838L30-Q1 TI-TPS3838L30-Q1 Datasheet
230Kb / 13P
[Old version datasheet]   NANOPOWER SUPERVIDORY CIRCUITS
TPS3838L30-Q1 TI1-TPS3838L30-Q1 Datasheet
839Kb / 18P
[Old version datasheet]   NANOPOWER SUPERVIDORY CIRCUITS
TPS3838L30DBVR TI1-TPS3838L30DBVR Datasheet
708Kb / 16P
[Old version datasheet]   NanoPower Supervisory Circuits
TPS3838L30DBVRG4 TI1-TPS3838L30DBVRG4 Datasheet
708Kb / 16P
[Old version datasheet]   NanoPower Supervisory Circuits
More results

Description similaire - TPS3838L30

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3836 TI1-TPS3836 Datasheet
708Kb / 16P
[Old version datasheet]   NanoPower Supervisory Circuits
TPS3836E18-EP TI1-TPS3836E18-EP_16 Datasheet
789Kb / 16P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
TPS3836E18-EP TI-TPS3836E18-EP Datasheet
400Kb / 15P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
logo
ON Semiconductor
CAT8836 ONSEMI-CAT8836 Datasheet
113Kb / 7P
   NanoPower Supervisory Circuit
January, 2011 ??Rev. 0
logo
Maxim Integrated Produc...
MAX6854UK16D3-T MAXIM-MAX6854UK16D3-T Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854 MAXIM-MAX6854 Datasheet
791Kb / 17P
   Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 2; 9/04
MAX6854UK16D3 MAXIM-MAX6854UK16D3 Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX16056 MAXIM-MAX16056_V01 Datasheet
695Kb / 17P
   125nA nanoPower Supervisory Circuits with Capacitor-Adjustable Reset and Watchdog Timeouts
2021
logo
Texas Instruments
TPS3836E18-Q1 TI-TPS3836E18-Q1 Datasheet
230Kb / 13P
[Old version datasheet]   NANOPOWER SUPERVIDORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com