Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS5618 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS5618
Description  SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS5618 Fiches technique(HTML) 3 Page - Texas Instruments

  TPS5618 Datasheet HTML 1Page - Texas Instruments TPS5618 Datasheet HTML 2Page - Texas Instruments TPS5618 Datasheet HTML 3Page - Texas Instruments TPS5618 Datasheet HTML 4Page - Texas Instruments TPS5618 Datasheet HTML 5Page - Texas Instruments TPS5618 Datasheet HTML 6Page - Texas Instruments TPS5618 Datasheet HTML 7Page - Texas Instruments TPS5618 Datasheet HTML 8Page - Texas Instruments TPS5618 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
TPS5615, TPS5618, TPS5625, TPS5633
SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
SLVS177A – SEPTEMBER 1998 – REVISED NOVEMBER 1998
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AGND2
2
Analog ground (must be connected).
ANAGND
7
Analog ground
BIAS
9
Analog bias pin. A 1-
µF capacitor should be connected from BIAS to ANAGND.
BOOT
16
Bootstrap. A 1-
µF capacitor should be connected from BOOT to BOOTLO.
BOOTLO
18
Bootstrap low. Connect to the junction of the high-side and low-side FETs for floating drive configuration.
Connect to PGND for ground-reference drive configuration.
DRV
14
Drive regulator for the FET drivers. A 1-
µF capacitor should be connected from DRV to DRVGND.
DRVGND
12
Drive ground. Ground for FET drivers. Connect to FET PWRGND.
HIGHDR
17
High drive. Output drive to high-side power switching FETs.
HISENSE
19
High current sense. For current sensing across high-side FETs, connect to the drain of the high-side FETs;
for optional current sensing scheme, connect to power supply side of current-sense resistor placed in series
with high-side FET drain.
INHIBIT
22
Disables the drive signals to the MOSFET drivers. Also serves as UVLO for system logic supply (3.3 V or
5 V). An external pull-up resistor should be connected to system-logic supply.
IOUT
1
Current out. Output voltage on this terminal is proportional to the load current as measured across the
Rds(on) of the high side FET. The voltage on this terminal equals 2 × RDS(ON) × IOUT. In applications where
very accurate current-sensing is required, a sense resistor should be connected between the input supply
and the drain of the high-side FETs.
IOUTLO
21
Current sense low output. This is the voltage on the LOSENSE terminal when the high-side FETs are on.
A ceramic capacitor (between 0.033
µF and 0.1 µF) should be connected from IOUTLO to HISENSE to hold
the sensed voltage.
LODRV
10
Low drive enable. Normally tied to 5 V. To configure the low-side FET as a crowbar, pull LODRV low.
LOHIB
11
Low side inhibit. Connect to the junction of the high- and low-side FETs to control the anti-cross-
conduction and eliminate shoot-through current. Disabled when configured in crowbar mode.
LOSENSE
20
Low current sense. For current sensing across high-side FETs, connect to the source of the high-side FETs;
for optional current sensing scheme, connect to high-side FET drain side of current-sense resistor placed
in series with high-side FET drain.
LOWDR
13
Low drive. Output drive to synchronous rectifier FETs.
NC
23–27
No connect
OCP
3
Over current protection. Current limit trip point is set with a resistor divider between IOUT and ANAGND.
PWRGD
28
Power good. PWRGD signal goes high when output voltage is within 7% of voltage setpoint. Open-drain
output.
SLOWST
8
Slow Start (soft start). A capacitor form SLOWST to ANAGND sets the slowstart time.
Slowstart current = IVREFB/5
VHYST
4
Hysteresis set input. The hysteresis is set with a resistor divider from VREFB to ANAGND.
Hysteresis = 2
× (VREFB – VHYST)
VCC
15
12-V supply. A 1-
µF capacitor should be connected from VCC to DRVGND.
VREFB
5
Buffered reference voltage
VSENSE
6
Voltage sense Input. To be connected from converter output voltage bus to sense and control output voltage.
It is recommended that a RC low-pass filter be connected at this pin to filter noise.


Numéro de pièce similaire - TPS5618

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS5618 TI-TPS5618 Datasheet
390Kb / 10P
[Old version datasheet]   SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
TPS5618EVM-106 TI-TPS5618EVM-106 Datasheet
390Kb / 10P
[Old version datasheet]   SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
TPS5618PWP TI-TPS5618PWP Datasheet
390Kb / 10P
[Old version datasheet]   SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
TPS5618PWPR TI-TPS5618PWPR Datasheet
390Kb / 10P
[Old version datasheet]   SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
More results

Description similaire - TPS5618

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS5618EVM-106 TI-TPS5618EVM-106 Datasheet
390Kb / 10P
[Old version datasheet]   SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485MMX TI-LM3485MMX Datasheet
996Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475 Datasheet
1Mb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485MM TI-LM3485MM Datasheet
1Mb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com