Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2819DBV Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce TPS2819DBV
Description  SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2819DBV Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS2819DBV Datasheet HTML 7Page - Texas Instruments TPS2819DBV Datasheet HTML 8Page - Texas Instruments TPS2819DBV Datasheet HTML 9Page - Texas Instruments TPS2819DBV Datasheet HTML 10Page - Texas Instruments TPS2819DBV Datasheet HTML 11Page - Texas Instruments TPS2819DBV Datasheet HTML 12Page - Texas Instruments TPS2819DBV Datasheet HTML 13Page - Texas Instruments TPS2819DBV Datasheet HTML 14Page - Texas Instruments TPS2819DBV Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
TPS2816, TPS2817, TPS2818, TPS2819, TPS2828, TPS2829
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
SLVS160A – FEBRUARY 1997 – REVISED NOVEMBER 1997
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 8
16
15
14
13
–50
–25
0
25
50
17
18
RISE TIME
vs
AMBIENT TEMPERATURE
19
75
100
125
Ambient Temperature –
°C
VCC = 10 V
Load = 1000 pF
f = 100 kHz
Figure 9
15
13
12
10
–50
–25
0
25
50
17
18
20
75
100
125
FALL TIME
vs
AMBIENT TEMPERATURE
Ambient Temperature –
°C
VCC = 10 V
Load = 1000 pF
f = 100 kHz
19
16
14
11
Figure 10
16
15
14
13
–50
–25
0
25
50
17
18
19
75
100
125
VCC = 10 V
Load = 1000 pF
f = 100 kHz
PROPAGATION DELAY TIME,
LOW-TO-HIGH-LEVEL OUTPUT
vs
SUPPLY VOLTAGE
TA – Ambient Temperature – °C
Figure 11
PROPAGATION DELAY TIME,
HIGH-TO-LOW-LEVEL OUTPUT
vs
AMBIENT TEMPERATURE
15
14
12
10
–50
–25
0
25
50
17
19
20
75
100
125
VCC = 10 V
Load = 1000 pF
f = 100 kHz
TA – Ambient Temperature – °C
18
16
13
11


Numéro de pièce similaire - TPS2819DBV

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2819DBV TI-TPS2819DBV Datasheet
394Kb / 21P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVERS
TPS2819DBV TI-TPS2819DBV Datasheet
576Kb / 24P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
TPS2819DBV TI1-TPS2819DBV Datasheet
910Kb / 24P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIBER
TPS2819DBVR TI1-TPS2819DBVR Datasheet
910Kb / 24P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIBER
TPS2819DBVRG4 TI1-TPS2819DBVRG4 Datasheet
910Kb / 24P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIBER
More results

Description similaire - TPS2819DBV

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
US2829 UTC-US2829 Datasheet
154Kb / 4P
   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
US2829 UTC-US2829_15 Datasheet
146Kb / 4P
   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Texas Instruments
TPS2816-EP TI1-TPS2816-EP_15 Datasheet
456Kb / 25P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
TPS2816-EP TI-TPS2816-EP Datasheet
576Kb / 24P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Unisonic Technologies
US2829 UTC-US2829_11 Datasheet
146Kb / 4P
   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Texas Instruments
TPS2816-EP TI-TPS2816-EP_09 Datasheet
595Kb / 24P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Intersil Corporation
EL7104 INTERSIL-EL7104 Datasheet
286Kb / 5P
   High Speed, Single Channel, Power MOSFET Driver
logo
Linear Technology
LTC1693-5 LINER-LTC1693-5 Datasheet
150Kb / 8P
   High Speed Single P-Channel MOSFET Driver
LTC1693-5 LINER-LTC1693-5_15 Datasheet
161Kb / 8P
   High Speed Single P-Channel MOSFET Driver
logo
Intersil Corporation
EL7104 INTERSIL-EL7104_06 Datasheet
190Kb / 7P
   High Speed, Single Channel, Power MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com