Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2835D Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2835D
Description  SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2835D Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS2835D Datasheet HTML 5Page - Texas Instruments TPS2835D Datasheet HTML 6Page - Texas Instruments TPS2835D Datasheet HTML 7Page - Texas Instruments TPS2835D Datasheet HTML 8Page - Texas Instruments TPS2835D Datasheet HTML 9Page - Texas Instruments TPS2835D Datasheet HTML 10Page - Texas Instruments TPS2835D Datasheet HTML 11Page - Texas Instruments TPS2835D Datasheet HTML 12Page - Texas Instruments TPS2835D Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TPS2834, TPS2835
SYNCHRONOUS-BUCK MOSFET DRIVERS
WITH DEADTIME CONTROL
SLVS223 – NOVEMBER 1999
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 9
DRIVER-OUTPUT RISE TIME
vs
LOAD CAPACITANCE
CL – Load Capacitance – nF
100
10
1
1000
0.01
1
10
100
VCC = 6.5 V
TJ = 25 °C
Low Side
High Side
0.1
Figure 10
DRIVER-OUTPUT FALL TIME
vs
LOAD CAPACITANCE
CL – Load Capacitance – nF
100
10
1
1000
0.01
1
10
100
VCC = 6.5 V
TJ = 25 °C
Low Side
High Side
0.1
Figure 11
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
VCC – Supply Voltage – V
0
46
8
10
500
5000
14
3500
4000
4500
1000
1500
2500
12
2000
3000
300 kHz
200 kHz
100 kHz
50 kHz
25 kHz
16
6000
5500
500 kHz
TJ = 25 °C
CL = 50 pF
Figure 12
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
VCC – Supply Voltage – V
0
46
8
10
14
10
12
5
16
15
20
25
1 MHz
TJ = 25 °C
CL = 50 pF
2 MHz


Numéro de pièce similaire - TPS2835D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2835D TI1-TPS2835D Datasheet
1,006Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2835D TI1-TPS2835D Datasheet
988Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2835DG4 TI1-TPS2835DG4 Datasheet
1,006Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2835DG4 TI1-TPS2835DG4 Datasheet
988Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
More results

Description similaire - TPS2835D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2830 TI-TPS2830 Datasheet
198Kb / 15P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
TPS2836 TI-TPS2836 Datasheet
181Kb / 14P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEADTIME CONTROL
TPS2832 TI-TPS2832 Datasheet
179Kb / 14P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEADTIME CONTROL
TPS2834PWPR TI1-TPS2834PWPR Datasheet
988Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2834 TI1-TPS2834_15 Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2834PWPR TI1-TPS2834PWPR Datasheet
1,006Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2832 TI1-TPS2832_15 Datasheet
725Kb / 17P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2832 TI1-TPS2832_16 Datasheet
739Kb / 17P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2830 TI1-TPS2830_15 Datasheet
1Mb / 24P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
logo
ON Semiconductor
NCP81166 ONSEMI-NCP81166 Datasheet
80Kb / 9P
   Synchronous Buck MOSFET Drivers
January, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com