Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2105 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2105
Description  VAUX POWER-DISTRIBUTION SWITCHES
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2105 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS2105 Datasheet HTML 4Page - Texas Instruments TPS2105 Datasheet HTML 5Page - Texas Instruments TPS2105 Datasheet HTML 6Page - Texas Instruments TPS2105 Datasheet HTML 7Page - Texas Instruments TPS2105 Datasheet HTML 8Page - Texas Instruments TPS2105 Datasheet HTML 9Page - Texas Instruments TPS2105 Datasheet HTML 10Page - Texas Instruments TPS2105 Datasheet HTML 11Page - Texas Instruments TPS2105 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TPS2104, TPS2105
VAUX POWER-DISTRIBUTION SWITCHES
SLVS235A – SEPTEMBER 1999 – REVISED APRIL 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Figure 3. Propagation Delay and Rise Time
With 1-
µF Load, IN1 Turnon
EN
(2 V/div)
t – Time – 200
µs/div
VO
(2 V/div)
VI(IN1) = 5 V
VI(IN2) = 0 V
CL = 1 µF
RL = 50 Ω
Figure 4. Propagation Delay and Rise Time
With 1-
µF Load, IN2 Turnon
EN
(2 V/div)
t – Time – 2
µs/div
VO
(2 V/div)
VI(IN1) = 0 V
VI(IN2) = 5 V
CL = 1 µF
RL = 50 Ω
Figure 5. Propagation Delay and Fall Time
With 1-
µF Load, IN1 Turnoff
EN
(2 V/div)
t – Time – 10
µs/div
VO
(2 V/div)
VI(IN1) = 5 V
VI(IN2) = 0 V
CL = 1 µF
RL = 50 Ω
Figure 6. Propagation Delay and Fall Time
With 1-
µF Load, IN2 Turnoff
EN
(2 V/div)
t – Time – 50
µs/div
VO
(2 V/div)
VI(IN1) = 0 V
VI(IN2) = 5 V
CL = 1 µF
RL = 50 Ω


Numéro de pièce similaire - TPS2105

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2105 TI1-TPS2105 Datasheet
462Kb / 20P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2105-EP TI1-TPS2105-EP Datasheet
1Mb / 24P
[Old version datasheet]   TPS2105-EP VAUX Power-Distribution Switch
TPS2105D TI-TPS2105D Datasheet
437Kb / 19P
[Old version datasheet]   VAUX POWER-DISTRIBUTION SWITCHES
TPS2105DBVR TI-TPS2105DBVR Datasheet
437Kb / 19P
[Old version datasheet]   VAUX POWER-DISTRIBUTION SWITCHES
TPS2105DBVRG4 TI-TPS2105DBVRG4 Datasheet
437Kb / 19P
[Old version datasheet]   VAUX POWER-DISTRIBUTION SWITCHES
More results

Description similaire - TPS2105

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2100 TI-TPS2100 Datasheet
299Kb / 17P
[Old version datasheet]   VAUX POWER-DISTRIBUTION SWITCHES
TPS2102 TI-TPS2102 Datasheet
265Kb / 17P
[Old version datasheet]   VAUX POWER-DISTRIBUTION SWITCHES
TPS2104DBVR TI-TPS2104DBVR Datasheet
437Kb / 19P
[Old version datasheet]   VAUX POWER-DISTRIBUTION SWITCHES
TPS2105-EP TI1-TPS2105-EP Datasheet
1Mb / 24P
[Old version datasheet]   TPS2105-EP VAUX Power-Distribution Switch
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com