Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2023P Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2023P
Description  POWER-DISTRIBUTION SWITCHES
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2023P Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS2023P Datasheet HTML 3Page - Texas Instruments TPS2023P Datasheet HTML 4Page - Texas Instruments TPS2023P Datasheet HTML 5Page - Texas Instruments TPS2023P Datasheet HTML 6Page - Texas Instruments TPS2023P Datasheet HTML 7Page - Texas Instruments TPS2023P Datasheet HTML 8Page - Texas Instruments TPS2023P Datasheet HTML 9Page - Texas Instruments TPS2023P Datasheet HTML 10Page - Texas Instruments TPS2023P Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
TPS2020, TPS2021, TPS2022, TPS2023, TPS2024
POWER-DISTRIBUTION SWITCHES
SLVS175A – DECEMBER 1998 – REVISED NOVEMBER 1999
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
RL
CL
OUT
tr
tf
90%
90%
10%
10%
50%
50%
90%
10%
VO(OUT)
VI(EN)
VO(OUT)
VOLTAGE WAVEFORMS
TEST CIRCUIT
ton
toff
Figure 1. Test Circuit and Voltage Waveforms
Table of Timing Diagrams
FIGURE
Turnon Delay and Rise TIme
2
Turnoff Delay and Fall Time
3
Turnon Delay and Rise TIme with 1-
µF Load
4
Turnoff Delay and Rise TIme with 1-
µF Load
5
Device Enabled into Short
6
TPS2020, TPS2021, TPS2022, TPS2023, and TPS2024, Ramped Load on Enabled Device
7, 8, 9,
10, 11
TPS2024, Inrush Current
12
7.9-
Ω Load Connected to an Enabled TPS2020 Device
13
3.7-
Ω Load Connected to an Enabled TPS2020 Device
14
3.7-
Ω Load Connected to an Enabled TPS2021 Device
15
2.6-
Ω Load Connected to an Enabled TPS2021 Device
16
2.6-
Ω Load Connected to an Enabled TPS2022 Device
17
1.2-
Ω Load Connected to an Enabled TPS2022 Device
18
1.2-
Ω Load Connected to an Enabled TPS2023 Device
19
0.9-
Ω Load Connected to an Enabled TPS2023 Device
20
0.9-
Ω Load Connected to an Enabled TPS2024 Device
21
0.5-
Ω Load Connected to an Enabled TPS2024 Device
22


Numéro de pièce similaire - TPS2023P

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2023P TI1-TPS2023P Datasheet
812Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2023PE4 TI1-TPS2023PE4 Datasheet
812Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results

Description similaire - TPS2023P

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Lowpower Semiconductor ...
LPW5202 POWER-LPW5202 Datasheet
372Kb / 8P
   Power Distribution Switches
logo
Texas Instruments
TPS2090 TI1-TPS2090_16 Datasheet
1Mb / 26P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com