Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BCX18LT1 Datasheet(Fiches technique) 1 Page - Motorola, Inc

Numéro de pièce BCX18LT1
Description  General Purpose Transistors
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BCX18LT1 Datasheet(HTML) 1 Page - Motorola, Inc

  BCX18LT1 Datasheet HTML 1Page - Motorola, Inc BCX18LT1 Datenblatt HTML 2Page - Motorola, Inc BCX18LT1 Datenblatt HTML 3Page - Motorola, Inc BCX18LT1 Datenblatt HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
General Purpose
Transistors
MAXIMUM RATINGS
Value
Rating
Symbol
BCX17LT1
BCX19LT1
BCX18LT1
BCX20LT1
Unit
Collector–Emitter Voltage
VCEO
45
25
Vdc
Collector–Base Voltage
VCBO
50
30
Vdc
Emitter–Base Voltage
VEBO
5.0
Vdc
Collector Current — Continuous
IC
500
mAdc
DEVICE MARKING
BCX17LT1 = T1; BCX18LT1 = T2; BCX19LT1 = U1; BCX20LT1 = U2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR-5 Board (1)
TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance, Junction to Ambient
R
θJA
556
°C/W
Total Device Dissipation
Alumina Substrate, (2) TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance, Junction to Ambient
R
θJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
– 55 to +150
°C
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina
Thermal Clad is a trademark of the Bergquist Company
Order this document
by BCX17LT1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
PNP
BCX17LT1
BCX18LT1
NPN
BCX19LT1
BCX20LT1
1
2
3
CASE 318 – 08, STYLE 6
SOT– 23 (TO – 236AB)
Voltage and current are negative
for PNP transistors
© Motorola, Inc. 1996
COLLECTOR 3
1
BASE
2 EMITTER
COLLECTOR 3
1
BASE
2 EMITTER


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn