Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2041 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2041
Description  POWER-DISTRIBUTION SWITCHES
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2041 Fiches technique(HTML) 5 Page - Texas Instruments

  TPS2041 Datasheet HTML 1Page - Texas Instruments TPS2041 Datasheet HTML 2Page - Texas Instruments TPS2041 Datasheet HTML 3Page - Texas Instruments TPS2041 Datasheet HTML 4Page - Texas Instruments TPS2041 Datasheet HTML 5Page - Texas Instruments TPS2041 Datasheet HTML 6Page - Texas Instruments TPS2041 Datasheet HTML 7Page - Texas Instruments TPS2041 Datasheet HTML 8Page - Texas Instruments TPS2041 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
TPS2041, TPS2051
POWER-DISTRIBUTION SWITCHES
SLVS172A –AUGUST 1998 – REVISED APRIL 1999
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating junction temperature range, VI(IN)= 5.5 V,
IO = rated current, VI(EN) = 0 V, VI(EN) = Hi (unless otherwise noted)
power switch
PARAMETER
TEST CONDITIONS†
TPS2041
TPS2051
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
St ti d i
t t
VI(IN) = 5 V,
TJ = 25°C
80
95
80
95
Static drain-source on-state
resistance 5-Voperation
VI(IN) = 5 V,
TJ = 85°C
90
120
90
120
rDS( )
resistance, 5-V o eration
VI(IN) = 5 V,
TJ = 125°C
100
135
100
135
m
rDS(on)
St ti d i
t t
VI(IN) = 3.3 V,
TJ = 25°C
85
105
85
105
Static drain-source on-state
resistance 3 3-Voperation
VI(IN) = 3.3 V,
TJ = 85°C
100
135
100
135
resistance, 3.3-V o eration
VI(IN) = 3.3 V,
TJ = 125°C
115
150
115
150
t
Rise time output
VI(IN) = 5.5 V,
CL = 1 µF,
TJ = 25°C,
RL = 10 Ω
2.5
2.5
ms
tr
Rise time, output
VI(IN) = 2.7 V,
CL = 1 µF,
TJ = 25°C,
RL = 10 Ω
3
3
ms
tf
Fall time output
VI(IN) = 5.5 V,
CL = 1 µF,
TJ = 25°C,
RL = 10 Ω
4.4
4.4
ms
tf
Fall time, output
VI(IN) = 2.7 V,
CL = 1 µF,
TJ = 25°C,
RL = 10 Ω
2.5
2.5
ms
† Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.
enable input EN or EN
PARAMETER
TEST CONDITIONS
TPS2041
TPS2051
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIH
High-level input voltage
2.7 V
≤ VI(IN) ≤ 5.5 V
2
2
V
VIL
Low level input voltage
4.5 V
≤ VI(IN) ≤ 5.5 V
0.8
0.8
V
VIL
Low-level input voltage
2.7 V
≤ VI(IN) ≤ 4.5 V
0.4
0.4
II
Input current
TPS2041
VI(EN) = 0 V or VI(EN) = VI(IN)
–0.5
0.5
µA
II
Input current
TPS2051
VI(EN) = VI(IN) or VI(EN) = 0 V
–0.5
0.5
µA
ton
Turnon time
CL = 100 µF, RL = 10 Ω
20
20
ms
toff
Turnoff time
CL = 100 µF, RL = 10 Ω
40
40
current limit
PARAMETER
TEST CONDITIONS†
TPS2041
TPS2051
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
IOS
Short-circuit output current
VI(IN) = 5 V, OUT connected to GND,
Device enabled into short circuit
0.7
0.9
1.1
0.7
0.9
1.1
A
† Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.


Numéro de pièce similaire - TPS2041

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2041 TI-TPS2041 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2041A TI-TPS2041A Datasheet
484Kb / 32P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2041A TI1-TPS2041A Datasheet
1,011Kb / 34P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2041AD TI-TPS2041AD Datasheet
484Kb / 32P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2041AD TI1-TPS2041AD Datasheet
1,011Kb / 34P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results

Description similaire - TPS2041

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Lowpower Semiconductor ...
LPW5202 POWER-LPW5202 Datasheet
372Kb / 8P
   Power Distribution Switches
logo
Texas Instruments
TPS2090 TI1-TPS2090_16 Datasheet
1Mb / 26P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com