Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2015 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2015
Description  POWER DISTRIBUTION SWITCHES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2015 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS2015 Datasheet HTML 3Page - Texas Instruments TPS2015 Datasheet HTML 4Page - Texas Instruments TPS2015 Datasheet HTML 5Page - Texas Instruments TPS2015 Datasheet HTML 6Page - Texas Instruments TPS2015 Datasheet HTML 7Page - Texas Instruments TPS2015 Datasheet HTML 8Page - Texas Instruments TPS2015 Datasheet HTML 9Page - Texas Instruments TPS2015 Datasheet HTML 10Page - Texas Instruments TPS2015 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
TPS2014, TPS2015
POWER DISTRIBUTION SWITCHES
SLVS159B – DECEMBER 1996 – REVISED AUGUST 1997
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating junction temperature range, VI(IN)= 5.5 V,
IO = rated current, EN = 0 V (unless otherwise noted) (continued)
OC
PARAMETER
TEST CONDITIONS
TPS2014Y, TPS2015Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOS
Short-circuit output current
0
°C ≤ TJ ≤ 125°C
5
mA
VOL
Low-level output voltage
0
°C ≤ TJ ≤ 125°C
0.3
mA
PARAMETER MEASUREMENT INFORMATION
Table of Timing Diagrams
FIGURE
Propagation Delay and Rise Time With 1-
µF Load, VI(IN) = 5 V
1
Propagation Delay and Fall Time With 1-
µF Load, VI(IN) = 5 V
2
TPS2014 Short-Circuit Current. Short is Applied to Enabled Device, VI(IN) = 5 V
3
TPS2015 Short-Circuit Current. Short is Applied to Enabled Device, VI(IN) = 5 V
4
TPS2014 Threshold Current, VI(IN) = 5 V
5
TPS2015 Threshold Current, VI(IN) = 5 V
6
TPS2014 (Enabled) into Short Circuit, VI(IN) = 5 V
7
TPS2015 (Enabled) into Short Circuit, VI(IN) = 5 V
8
0
6
4
2
0
12
3
4
t – Time – ms
567
8
6
4
2
0
–2
910
Figure 1. Propagation Delay and Rise Time With 1-
µF Load, VI(IN) = 5 V


Numéro de pièce similaire - TPS2015

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2015 TI-TPS2015 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2015 TI-TPS2015 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2015 TI-TPS2015 Datasheet
1Mb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2015D TI-TPS2015D Datasheet
1Mb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2015DR TI-TPS2015DR Datasheet
1Mb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results

Description similaire - TPS2015

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Lowpower Semiconductor ...
LPW5202 POWER-LPW5202 Datasheet
372Kb / 8P
   Power Distribution Switches
logo
Texas Instruments
TPS2090 TI1-TPS2090_16 Datasheet
1Mb / 26P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com