Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BCX17LT1 Datasheet(Fiches technique) 2 Page - Motorola, Inc

Numéro de pièce BCX17LT1
Description  General Purpose Transistors
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BCX17LT1 Datasheet(HTML) 2 Page - Motorola, Inc

  BCX17LT1 Datenblatt HTML 1Page - Motorola, Inc BCX17LT1 Datasheet HTML 2Page - Motorola, Inc BCX17LT1 Datenblatt HTML 3Page - Motorola, Inc BCX17LT1 Datenblatt HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PNP BCX17LT1 BCX18LT1 NPN BCX19LT1 BCX20LT1
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
(IC = 10 mAdc, IB = 0)
BCX17, 19
BCX18, 20
V(BR)CEO
45
25
Vdc
Collector–Emitter Breakdown Voltage
(IC = 10 µAdc, IC = 0)
BCX17, 19
BCX18, 20
V(BR)CES
50
30
Vdc
Collector Cutoff Current
(VCB = 20 Vdc, IE = 0)
(VCB = 20 Vdc, IE = 0, TA = 150°C)
ICBO
100
5.0
nAdc
µAdc
Emitter Cutoff Current
(VEB = 5.0 Vdc, IC = 0)
IEBO
10
µAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 100 mAdc, VCE = 1.0 Vdc)
(IC = 300 mAdc, VCE = 1.0 Vdc)
(IC = 500 mAdc, VCE = 1.0 Vdc)
hFE
100
70
40
600
Collector–Emitter Saturation Voltage
(IC = 500 mAdc, IB = 50 mAdc)
VCE(sat)
0.62
Vdc
Base–Emitter On Voltage
(IC = 500 mAdc, VCE = 1.0 Vdc)
VBE(on)
1.2
Vdc


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn