Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPIC6A596DW Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPIC6A596DW
Description  POWER LOGIC 8-BIT SHIFT REGISTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPIC6A596DW Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPIC6A596DW Datasheet HTML 2Page - Texas Instruments TPIC6A596DW Datasheet HTML 3Page - Texas Instruments TPIC6A596DW Datasheet HTML 4Page - Texas Instruments TPIC6A596DW Datasheet HTML 5Page - Texas Instruments TPIC6A596DW Datasheet HTML 6Page - Texas Instruments TPIC6A596DW Datasheet HTML 7Page - Texas Instruments TPIC6A596DW Datasheet HTML 8Page - Texas Instruments TPIC6A596DW Datasheet HTML 9Page - Texas Instruments TPIC6A596DW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TPIC6A596
POWER LOGIC 8-BIT SHIFT REGISTER
SLIS094 – MARCH 2000
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics, VCC = 5 V, TC = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPHL
Propagation delay time, high-to-low-level output from G
30
ns
tPLH
Propagation delay time, low-to-high-level output from G
CL = 30 pF,
ID = 350 mA,
125
ns
tr
Rise time, drain output
L
,
D
,
See Figures 1, 2, and 12
60
ns
tf
Fall time, drain output
30
ns
tpd
Propagation delay time, SRCK
↓ to SEROUT
CL = 30 pF,
ID = 350 mA,
See Figure 2
20
ns
f(SRCK)
Serial clock frequency
CL = 30 pF,
ID = 350 mA,
See Note 8
10
MHz
ta
Reverse-recovery-current rise time
IF = 350 mA,
di/dt = 20 A/
µs,
100
ns
trr
Reverse-recovery time
F
µ
See Notes 5 and 6 and Figure 5
300
ns
NOTES:
5. Technique should limit TJ – TC to 10°C maximum.
6. These parameters are measured with voltage-sensing contacts separate from the current-carrying contacts.
8. This is the maximum serial clock frequency assuming cascaded operation where serial data is passed from one stage to a second
stage. The clock period allows for SRCK
→ SEROUT propagation delay and setup time plus some timing margin.
thermal resistance
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
R
θJC
Thermal resistance junction to case
DW
All eight outputs with equal power
10
°C/W
R
θJC
Thermal resistance, junction-to-case
NE
All eight outputs with equal power
10
°C/W
R
θJA
Thermal resistance junction to ambient
DW
All eight outputs with equal power
50
°C/W
R
θJA
Thermal resistance, junction-to-ambient
NE
All eight outputs with equal power
50
°C/W
PARAMETER MEASUREMENT INFORMATION
TEST CIRCUIT
5 V
VCC
DRAIN
LGND
SRCLR
SER IN
RL = 68 Ω
CL = 30 pF
(see Note B)
VOLTAGE WAVEFORMS
G
Output
SRCK
RCK
Word
Generator
(see Note A)
7654
3210
5 V
SRCK
5 V
G
5 V
SER IN
RCK
SRCLR
5 V
5 V
DUT
PGND
24 V
DRAIN 0, 1, 4, 5
24 V
0 V
0 V
0 V
0.5 V
0 V
0 V
ID
24 V
DRAIN 2, 3, 6, 7
0.5 V
NOTES: A. The word generator has the following characteristics: tr ≤ 10 ns, tf ≤ 10 ns, tw = 300 ns, pulsed repetition rate (PRR) = 5 kHz,
ZO = 50 Ω.
B. CL includes probe and jig capacitance.
Figure 1. Resistive Load Operation


Numéro de pièce similaire - TPIC6A596DW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC6A596DW TI1-TPIC6A596DW Datasheet
271Kb / 16P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A596DWG4 TI1-TPIC6A596DWG4 Datasheet
271Kb / 16P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A596DWRG4 TI1-TPIC6A596DWRG4 Datasheet
271Kb / 16P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
More results

Description similaire - TPIC6A596DW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC6A595 TI-TPIC6A595 Datasheet
177Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6B595 TI-TPIC6B595 Datasheet
146Kb / 10P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596 Datasheet
194Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6595 TI1-TPIC6595_16 Datasheet
1Mb / 18P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596_05 Datasheet
495Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C595 TI-TPIC6C595 Datasheet
180Kb / 11P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6D595 STMICROELECTRONICS-STPIC6D595 Datasheet
337Kb / 20P
   Power logic 8-bit shift register
logo
Texas Instruments
TPIC6C595DRG4 TI-TPIC6C595DRG4 Datasheet
976Kb / 20P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A595DWR TI1-TPIC6A595DWR Datasheet
568Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6C595 STMICROELECTRONICS-STPIC6C595_08 Datasheet
420Kb / 22P
   Power logic 8-bit shift register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com