Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPIC6A259 Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPIC6A259
Description  POWER LOGIC 8-BIT ADDRESSABLE LATCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPIC6A259 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPIC6A259 Datasheet HTML 3Page - Texas Instruments TPIC6A259 Datasheet HTML 4Page - Texas Instruments TPIC6A259 Datasheet HTML 5Page - Texas Instruments TPIC6A259 Datasheet HTML 6Page - Texas Instruments TPIC6A259 Datasheet HTML 7Page - Texas Instruments TPIC6A259 Datasheet HTML 8Page - Texas Instruments TPIC6A259 Datasheet HTML 9Page - Texas Instruments TPIC6A259 Datasheet HTML 10Page - Texas Instruments TPIC6A259 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TPIC6A259
POWER LOGIC 8-BIT ADDRESSABLE LATCH
SLIS004B – APRIL 1993 – REVISED SEPTEMBER 1995
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
NOTE A: Technique should limit TJ – TC to 10°C maximum.
100
60
40
20
140
80
– 50
0
50
100
150
120
SWITCHING TIME
vs
CASE TEMPERATURE
tPLH
tr
tf
TC – Case Temperature – °C
tPHL
ID = 350 mA
See Note A
Figure 11
THERMAL INFORMATION
t – On Time – s
NE PACKAGE
TRANSIENT THERMAL IMPEDANCE
vs
ON TIME
The single-pulse curve represents measured data. The curves
for various pulse durations are based on the following equation:
0.1
0.001
0.01
1
10
100
1
10
100
1000
d = 2%
d = 5%
Single Pulse
d = 10%
d = 20%
d = 50%
tw
tc
ID
0
ZqJA +
tw
tc
RqJA ) 1
tw
tc
Zq tw ) tc
) Zq tw –Zq tc
= the single-pulse thermal impedance
for t = tw seconds
= the single-pulse thermal impedance
for t = tc seconds
= the single-pulse thermal impedance
for t = tw + tc seconds
Where:
d = tw/tc
0.1
Zq tw
Zq tc
Zq tw ) tc
Figure 12


Numéro de pièce similaire - TPIC6A259

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC6A259 TI1-TPIC6A259 Datasheet
246Kb / 13P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6A259DW TI1-TPIC6A259DW Datasheet
246Kb / 13P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6A259DWG4 TI1-TPIC6A259DWG4 Datasheet
246Kb / 13P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6A259DWRG4 TI1-TPIC6A259DWRG4 Datasheet
246Kb / 13P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6A259NE TI1-TPIC6A259NE Datasheet
246Kb / 13P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
More results

Description similaire - TPIC6A259

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC6A259 TI1-TPIC6A259_12 Datasheet
246Kb / 13P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
logo
STMicroelectronics
STPIC6A259 STMICROELECTRONICS-STPIC6A259 Datasheet
387Kb / 13P
   POWER LOGIC 8-BIT ADDRESSABLE LATCH
March 2001
logo
Texas Instruments
TPIC6B259 TI-TPIC6B259 Datasheet
159Kb / 11P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6259DWG4 TI-TPIC6259DWG4 Datasheet
879Kb / 16P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6259 TI-TPIC6259 Datasheet
165Kb / 10P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6B259 TI1-TPIC6B259_16 Datasheet
1Mb / 19P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
   8-bit Addressable Latch
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
   8-Bit Addressable Latch
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
   8 BIT ADDRESSABLE LATCH
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
   8-Bit Addressable Latch
March, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com