Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPIC46L01DB Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPIC46L01DB
Description  6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPIC46L01DB Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPIC46L01DB Datasheet HTML 6Page - Texas Instruments TPIC46L01DB Datasheet HTML 7Page - Texas Instruments TPIC46L01DB Datasheet HTML 8Page - Texas Instruments TPIC46L01DB Datasheet HTML 9Page - Texas Instruments TPIC46L01DB Datasheet HTML 10Page - Texas Instruments TPIC46L01DB Datasheet HTML 11Page - Texas Instruments TPIC46L01DB Datasheet HTML 12Page - Texas Instruments TPIC46L01DB Datasheet HTML 13Page - Texas Instruments TPIC46L01DB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
TPIC46L01, TPIC46L02, TPIC46L03
6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
SLIS055A – NOVEMBER 1996 - REVISED SEPTEMBER 1997
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
serial data operation (continued)
Data is shifted out of SDO on the falling edge of SCLK. The MSB of fault data is available when CS is transitioned
low. The remaining 7 bits of fault data are shifted out on the following seven clock cycles. Fault data is latched
into the serial register when CS is transitioned low. Fault data must be present on the high-to-low transition of
CS to be captured by the device. The CS input must be transitioned to a high state after the last bit of serial data
has been clocked into the device. CS puts SDO in a high-impedance state, inhibits SDI, latches the 6 bits of
serial data into the output control register, and clears and re-enables the serial fault registers (see Figure 13).
When a shorted-load condition occurs with the TPIC46L01 or TPIC46L03, the controller must disable and
re-enable the channel to clear the fault register and fault flag. The TPIC46L02 automatically retries the output
and FLT clears after the fault condition has been corrected.
12
3
4
5
6
7
8
OV
Over-Battery-Voltage Fault Bit
UV
Under-Battery-Voltage Fault Bit
FLT5
Shorted- or Open-Load Fault on Channel 5
FLT4
Shorted- or Open-Load Fault on Channel 4
FLT3
Shorted- or Open-Load Fault on Channel 3
FLT2
Shorted- or Open-Load Fault on Channel 2
FLT1
Shorted- or Open-Load Fault on Channel 1
FLT0
Shorted- or Open-Load Fault on Channel 0
N/A
Unknown Data
SCLK
CS
SDO
3-State
UV
FLT5
FLT4
FLT3
FLT2
FLT1
FLT0
N/A
O V
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit8
Figure 13
parallel input data operation
In addition to the serial input interface, the TPIC46L01 and TPIC46L02 also provides a parallel input interface
to the microcontroller. The output turns on if either the parallel or the serial interface commands it to turn on.
The parallel data pins are real-time control inputs for the output drivers. SCLK and CS are not required to transfer
parallel input data to the output buffer. Fault data must be read over the serial data bus as described in the serial
data operation section of this data sheet. The parallel input must be transitioned low and then high to clear and
re-enable a gate output that has been disabled due to a shorted-load fault condition.


Numéro de pièce similaire - TPIC46L01DB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC46L01DB TI1-TPIC46L01DB Datasheet
804Kb / 23P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC46L01DBG4 TI1-TPIC46L01DBG4 Datasheet
804Kb / 23P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC46L01DBLE TI1-TPIC46L01DBLE Datasheet
804Kb / 23P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC46L01DBR TI1-TPIC46L01DBR Datasheet
804Kb / 23P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC46L01DBRG4 TI1-TPIC46L01DBRG4 Datasheet
804Kb / 23P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
More results

Description similaire - TPIC46L01DB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC46L02DBRG4 TI1-TPIC46L02DBRG4 Datasheet
804Kb / 23P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
logo
STMicroelectronics
STPIC44L02 STMICROELECTRONICS-STPIC44L02 Datasheet
438Kb / 21P
   4 CHANNEL SERIAL AND PARALLEL LOW SIDE PRE-FET DRIVER
July 2003
logo
Texas Instruments
TPIC44L01 TI-TPIC44L01 Datasheet
268Kb / 20P
[Old version datasheet]   4-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC44L01DBRG4 TI-TPIC44L01DBRG4 Datasheet
815Kb / 24P
[Old version datasheet]   4-CHAMMEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC44H01 TI1-TPIC44H01_15 Datasheet
982Kb / 32P
[Old version datasheet]   4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
TPIC44H01 TI-TPIC44H01 Datasheet
402Kb / 28P
[Old version datasheet]   4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
logo
Allegro MicroSystems
A3944 ALLEGRO-A3944 Datasheet
601Kb / 31P
   Automotive, Low-Side FET Pre-Driver
A3944KLPTR-T ALLEGRO-A3944KLPTR-T Datasheet
598Kb / 31P
   Automotive, Low-Side FET Pre-Driver
logo
Texas Instruments
TPIC2603 TI-TPIC2603 Datasheet
243Kb / 17P
[Old version datasheet]   6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
TPIC2603DWG4 TI-TPIC2603DWG4 Datasheet
577Kb / 19P
[Old version datasheet]   6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com