Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA4861 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA4861
Description  1-W AUDIO POWER AMPLIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPA4861 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPA4861 Datasheet HTML 4Page - Texas Instruments TPA4861 Datasheet HTML 5Page - Texas Instruments TPA4861 Datasheet HTML 6Page - Texas Instruments TPA4861 Datasheet HTML 7Page - Texas Instruments TPA4861 Datasheet HTML 8Page - Texas Instruments TPA4861 Datasheet HTML 9Page - Texas Instruments TPA4861 Datasheet HTML 10Page - Texas Instruments TPA4861 Datasheet HTML 11Page - Texas Instruments TPA4861 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
TPA4861
1-W AUDIO POWER AMPLIFIER
SLOS163B – SEPTEMBER 1996 – REVISED MARCH 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 13
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT POWER
0.02
10
1
0.1
0.01
0.1
1
PO – Output Power – W
VDD = 5 V
AV = –2 V/V
RL = 8 Ω
f = 1 kHz
2
CB = 0.1 µF
CB = 1 µF
Figure 14
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT POWER
0.02
10
1
0.1
0.01
0.1
1
PO – Output Power – W
VDD = 5 V
AV = –2 V/V
RL = 8 Ω
f = 20 kHz
CB = 0.1 µF
2
CB = 1 µF
Figure 15
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
FREQUENCY
20
10
1
0.1
0.01
100
1 k
10 k 20 k
f – Frequency – Hz
VDD = 3.3 V
PO = 350 mW
RL = 8 Ω
AV = –2 V/V
CB = 0.1 µF
CB = 1 µF
Figure 16
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
FREQUENCY
20
10
1
0.1
0.01
100
1 k
10 k 20 k
f – Frequency – Hz
VDD = 3.3 V
PO = 350 mW
RL = 8 Ω
AV = –10 V/V
CB = 1 µF
CB = 0.1 µF


Numéro de pièce similaire - TPA4861

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA4861 TI-TPA4861 Datasheet
486Kb / 23P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4861D TI-TPA4861D Datasheet
486Kb / 23P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4861DG4 TI-TPA4861DG4 Datasheet
486Kb / 23P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4861DR TI-TPA4861DR Datasheet
486Kb / 23P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4861DRG4 TI-TPA4861DRG4 Datasheet
486Kb / 23P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
More results

Description similaire - TPA4861

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA4861 TI-TPA4861_15 Datasheet
641Kb / 26P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4861 TI-TPA4861_07 Datasheet
486Kb / 23P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_06 Datasheet
442Kb / 24P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860 Datasheet
430Kb / 25P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
logo
Panasonic Semiconductor
AN7511 PANASONIC-AN7511 Datasheet
160Kb / 9P
   1-W BTL audio power amplifier
logo
Texas Instruments
TPA4860 TI-TPA4860_15 Datasheet
655Kb / 28P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA1015 PHILIPS-TDA1015 Datasheet
253Kb / 13P
   1 to 4 W audio power amplifier
November 1982
TDA8541 PHILIPS-TDA8541 Datasheet
190Kb / 20P
   1 W BTL audio amplifier
1998 Apr 01
TDA8541 PHILIPS-TDA8541_15 Datasheet
194Kb / 18P
   1 W BTL audio amplifier
1998 Apr 01
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
   1 W BTL mono audio amplifier
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com