Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

92NJ250E Fiches technique(PDF) 1 Page - Ohmite Mfg. Co.

No de pièce 92NJ250E
Description  Lead Free Vitreous Enamel Molded Axial Term. Wirewound, 5% Tolerance Standard
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OHMITE [Ohmite Mfg. Co.]
Site Internet  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

92NJ250E Fiches technique(HTML) 1 Page - Ohmite Mfg. Co.

  92NJ250E Datasheet HTML 1Page - Ohmite Mfg. Co. 92NJ250E Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
24
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
Ordering i nf O rma ti O n
St andard p ar t number S f O r 90 S erie S
When you need the highest
quality wirewound axial termi-
nal resistors available, choose
Ohmite’s 90 Series resistors.
They are manufactured by
a unique process that molds
the vitreous enamel over the
resistive element, helping to
ensure consistent dimensions.
This uniformity permits 90
Series resistors to be mounted
in clips, creating a heat-sinking
benefit (see next page).
The durable vitreous enam-
el coating, which is totally lead
free, permits the 90 Series
resistors to maintain a hard
coating while operating at high
temperatures. Mechanical
integrity is enhanced by the
all-welded construction.
Fea tures
• Molded Construction provides
consistent shape and size
(Permits mounting in clips which
extends power rating).
• Meets MIL-R-26 requirements
for insulated resistors.
• All-welded construction.
• Flame resistant lead free vitre-
ous enamel coating.
• Higher ratings in smaller sizes.
• Heat sink mounting clips avail-
able.
90 Series
Lead Free Vitreous enamel Molded
axial term. Wirewound, 5% tolerance standard
• RoHS compliant; add “E” suffix
to part number to specify.
s peci F ica tions
Material
Coating: Molded lead free vitre-
ous enamel.
Core: Ceramic.
Terminals: Solder-coated copper
clad axial. RoHS solder com-
position is 96% Sn, 3.5% Ag,
0.5% Cu
Derating: Linearly from
100% @ +25°C to
0% @ +350°C.
Electrical
Tolerance: ±5%
(other tolerances available).
Power rating: Based on 25°C
free air rating. (other wattages
available*).
Maximum ohmic values:
See chart.
Overload:
Under 11 watts: 5 times rated
wattage for 5 seconds.
11 watts: 10 times rated wattage
for 5 seconds.
Temperature coefficient:
1 to 9.99
Ω: ±100 ppm/°C
10
Ω and over: ±30 ppm/°C
Dielectric withstanding voltage:
500 VAC: 1W rating
1000 VAC: 2, 3, 5 and 11W
Dimensions (in. / mm)
series Wattage* ohms
Length
Diam.
Voltage Lead ga.
91
1.5
0.1
Ω-3.6K 0.452 / 11.5 0.140 / 3.6
150
24
92
2.25
0.1
Ω-3.5K 0.405 / 10.3 0.219 / 5.6
85
20
93
3.25 0.1
Ω-10.5K 0.577 / 14.7 0.234 / 5.9
200
20
95
5.0
0.1
Ω-25K
0.968 / 24.6
0.234 / 5.9
495
20
90
11.0
0.1
Ω-91K
1.796 / 45.6
0.343 / 8.7
1080
20
* 2x power ratings by using heat-sink mounting clips shown on following page.
note: Due to space restrictions, parts are stamped with wattage ratings reduced to the
nearest whole number. The actual wattage ratings are as published in this catalog.
L
D
1.5 in. / 38.1mm
1
–––1R0     
1.1 –––1R1     
1.2 –––1R2     
1.3 –––1R3
    
1.5 –––1R5     
1.6 –––1R6
    
1.8 –––1R8     
2
–––2R0     
2.2 –––2R2     
2.4 –––2R4     
2.7 –––2R7     
3
–––3R0     
3.3 –––3R3     
3.6 –––3R6
    
3.9 –––3R9     
4
–––4R0     
4.3 –––4R3
    
4.7 –––4R7     
5
–––5R0     
5.1 –––5R1
    
5.6 –––5R6     
6.2 –––6R2
    
6.8 –––6R8     
7.5 –––7R5
    
8.2 –––8R2
    
9.1 –––9R1
    
10
–––10R     
11
–––11R
    
12
–––12R     
13
–––13R
    
15
–––15R     
16
–––16R     
18
–––18R     
20
–––20R     
22
–––22R     
24
–––24R
    
25
–––25R
    
27
–––27R     
30
–––30R     
33
–––33R     
35
–––35R     
36
–––36R     
39
–––39R     
40
–––40R
    
43
–––43R
    
47
–––47R     
50
–––50R     
51
–––51R
    
56
–––56R     
62
–––62R  
 
68
–––68R     
75
–––75R     
82
–––82R     
91
–––91R     
100
–––100
    
110
–––110
    
120
–––120
    
130
–––130
    
150
–––150
    
160
–––160
    
180
–––180
    
200
–––200
    
220
–––220
    
240
–––240
    
250
–––250
    
270
–––270
    
300
–––300
    
330
–––330
    
350
–––350
    
360
–––360
    
390
–––390
    
400
–––400
    
430
–––430
    
450
–––450
    
470
–––470
    
500
–––500
    
510
–––510
    
560
–––560
    
600
–––600
    
620
–––620
    
680
–––680
    
700
–––700
    
750
–––750
    
800
–––800
    
820
–––820
    
900
–––900
    
910
–––910
    
1,000
–––1K0
    
1,100
–––1K1
    
1,200
–––1K2
    
1,300
–––1K3
    
1,400
–––1K4
    
1,500
–––1K5
    
1,600
–––1K6
    
1,800
–––1K8
    
2,000
–––2K0
    
2,200
–––2K2
    
2,400
–––2K4
    
2,500
–––2K5
    
2,700
–––2K7
    
3,000
–––3K0
    
3,300
–––3K3
  
3,500
–––3K5
  
3,600
–––3K6
  
3,900
–––3K9
  
4,000
–––4K0
  
4,300
–––4K3
  
4,500
–––4K5
  
4,700
–––4K7
  
5,000
–––5K0
  
5,100
–––5K1
  
5,600
–––5K6
  
6,000
–––6K0
  
6,200
–––6K2
  
6,800
–––6K8
  
7,000
–––7K0
  
7,500
–––7K5
  
8,000
–––8K0
  
8,200
–––8K2
  
9,000
–––9K0
  
9,100
–––9K1
10,000
–––10K
  
11,000
–––11K
 
12,000
–––12K
 
13,000
–––13K
 
14,000
–––14K
 
15,000
–––15K
 
16,000
–––16K
 
17,000
–––17K
 
18,000
–––18K
 
20,000
–––20K
 
22,000
–––22K
 
24,000
–––24K
 
25,000
–––25K
 
27,000
–––27K
30,000
–––30K
33,000
–––33K
35,000
–––35K
36,000
–––36K
39,000
–––39K
40,000
–––40K
43,000
–––43K
45,000
–––45K
47,000
–––47K
50,000
–––50K
51,000
–––51K
= Standard values
= Non-standard values subject to minimum handling
charge per item
Shaded values involve very fine resistance wire and
should not be used in critical applications without burn-
in and/or thermal cycling.
Wattage
part no.
Prefix 
Suffix
Wattage
part no.
Prefix 
Suffix
Wattage
part no.
Prefix 
Suffix
Wattage
part no.
Prefix 
Suffix
Wattage
part no.
Prefix 
Suffix
9 1 N J R 1 0 E
90 Series
Series-Lead
Free Vitreous
Enamel Molded
Axial Term.
Wirewound
Resistance Value
1R0 = 1.0
10R = 10.0
250 =
250
1K0 = 1,000
4K5 = 4,500
51K = 51,000
Tolerance
J = 5%
Wattage
1 = 1.5W
2 = 2.25W
3 = 3.25W
5 = 5W
0 = 11W
Non-Inductive Winding
Optional (blank = std. winding)
RoHS
Compliant
Check product availability at
www.ohmite.com


Numéro de pièce similaire - 92NJ250E

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
92NJ250E ETC2-92NJ250E Datasheet
189Kb / 2P
   Lead Free Vitreous Enamel Molded Axial Term. Wirewound, 5% Tolerance Standard
More results

Description similaire - 92NJ250E

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
91NJR10E ETC2-91NJR10E Datasheet
189Kb / 2P
   Lead Free Vitreous Enamel Molded Axial Term. Wirewound, 5% Tolerance Standard
logo
Ohmite Mfg. Co.
25J50RE OHMITE-25J50RE Datasheet
207Kb / 1P
   Vitreous Enamel Conformal Axial Terminal Wirewound, 5% Tolerance Standard
21JR10E OHMITE-21JR10E Datasheet
194Kb / 1P
   Vitreous Enamel Conformal Axial Terminal Wirewound, 5% Tolerance Standard
20J500 OHMITE-20J500 Datasheet
207Kb / 1P
   Vitreous Enamel Conformal Axial Terminal Wirewound, 5% Tolerance Standard
23JR30E OHMITE-23JR30E Datasheet
330Kb / 2P
   Vitreous Enamel Conformal Axial Terminal Wirewound, 5% Tolerance Std.
logo
List of Unclassifed Man...
RES ETC-RES_20 Datasheet
340Kb / 2P
   Vitreous Enamel Conformal Axial Terminal Wirewound, 5% Tolerance Std
logo
Ohmite Mfg. Co.
90SERIES OHMITE-90SERIES Datasheet
377Kb / 2P
   Lead Free Vitreous Enamel Molded
logo
Riedon Powertron
VT-3 RIEDON-VT-3_13 Datasheet
159Kb / 2P
   Vitreous Enamel Wirewound Resistors
VT-3 RIEDON-VT-3 Datasheet
281Kb / 2P
   Vitreous Enamel Wirewound Resistors
logo
Ohmite Mfg. Co.
RES-210 OHMITE-RES-210 Datasheet
261Kb / 2P
   Rugged lead free vitreous enamel coating
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com