Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FP-8989-03-1001JD Fiches technique(PDF) 3 Page - IRC - a TT electronics Company.

No de pièce FP-8989-03-1001JD
Description  TaNFilm짰 Precision Flat Pack Networks
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRCTT [IRC - a TT electronics Company.]
Site Internet  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

FP-8989-03-1001JD Fiches technique(HTML) 3 Page - IRC - a TT electronics Company.

  FP-8989-03-1001JD Datasheet HTML 1Page - IRC - a TT electronics Company. FP-8989-03-1001JD Datasheet HTML 2Page - IRC - a TT electronics Company. FP-8989-03-1001JD Datasheet HTML 3Page - IRC - a TT electronics Company. FP-8989-03-1001JD Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Environmental Data
Test per MIL-PRF-83401
MIL-PRF-83401 Limits (
ΔR%)
TaNFilm® Test Data (
ΔR%)
M
K
H
V
Max
Typical
Thermal Shock and Power Conditioning
0.7
0.7
0.5
0.25
0.1
0.02
Low Temperature Operation
0.5
0.25
0.1
0.1
0.1
0.01
Short Term Overload
0.5
0.25
0.1
0.1
0.05
0.01
Terminal Strength
0.25
0.25
0.25
0.1
0.1
0.01
Resistance to Solder Heat
0.25
0.25
0.1
0.2
0.1
0.02
Moisture Resistance
0.5
0.5
0.4
0.25
0.1
0.03
Shock
0.25
0.25
0.25
0.25
0.1
0.03
Vibration
0.25
0.25
0.25
0.1
0.1
0.03
Life
2.0
0.5
0.5
0.1
0.1
0.03
High Temperature Exposure
1.0
0.5
0.2
0.1
0.1
0.03
Low Temperature Storage
0.5
0.25
0.1
0.1
0.1
0.02
25°C Double Load
2.0
0.5
0.5
0.1
0.05
0.03
0.825
″ Max
L
0.250
″ ± .010″
0.050
″ ± .005″
0.300
″ ± .050″
0.017
″ ± .002″
0.075
″ Max
0.250
″ ± .010″
0.005
″ ± .001″
0.030
″ max miniscus
typ
0.305
″ Max
included miniscus
Physical Data
# of
leads
Dimension L
14
0.375
″ ± .010″
16
0.390
″ ± .020″
TaNFilm® Precision
Flat Pack Networks
8900 Series Issue April 2009 Sheet 3 of 4


Numéro de pièce similaire - FP-8989-03-1001JD

FabricantNo de pièceFiches techniqueDescription
logo
IRC - a TT electronics ...
FP-8989SQ-04-1001-BB-1 IRCTT-FP-8989SQ-04-1001-BB-1 Datasheet
385Kb / 3P
   Space Flight Surface Mount Flat Packs Resistor Networks
FP-8989SQ-04-1001-BD-1 IRCTT-FP-8989SQ-04-1001-BD-1 Datasheet
385Kb / 3P
   Space Flight Surface Mount Flat Packs Resistor Networks
FP-8989SQ-04-1001-BF-0 IRCTT-FP-8989SQ-04-1001-BF-0 Datasheet
385Kb / 3P
   Space Flight Surface Mount Flat Packs Resistor Networks
FP-8989SQ-04-1001-BG-0 IRCTT-FP-8989SQ-04-1001-BG-0 Datasheet
385Kb / 3P
   Space Flight Surface Mount Flat Packs Resistor Networks
FP-8989SQ-04-1001-FB-1 IRCTT-FP-8989SQ-04-1001-FB-1 Datasheet
385Kb / 3P
   Space Flight Surface Mount Flat Packs Resistor Networks
More results

Description similaire - FP-8989-03-1001JD

FabricantNo de pièceFiches techniqueDescription
logo
TT Electronics.
8900 TTELEC-8900_17 Datasheet
568Kb / 4P
   Flat Pack Networks
logo
Welwyn Components Limit...
SON WELWYN-SON Datasheet
351Kb / 3P
   TaNFilm짰 Flat Precision Resistor Array
logo
IRC - a TT electronics ...
1900HT IRCTT-1900HT Datasheet
526Kb / 3P
   TaNFilm짰 High Temperature DIP and SIP Networks
logo
Welwyn Components Limit...
PFC WELWYN-PFC Datasheet
67Kb / 2P
   TaNFilm짰 Precision Chip Resistors
logo
Vishay Siliconix
DFP14121K00GD05 VISHAY-DFP14121K00GD05 Datasheet
275Kb / 3P
   Thick Film Resistor Networks Flat Pack, 11, 12 Schematics
Revision: 08-Sep-04
DFP14 VISHAY-DFP14 Datasheet
117Kb / 2P
   Thick Film Resistor Networks Flat Pack, 11, 12 Schematics
Revision: 08-Sep-04
logo
RHOPOINT COMPONENTS
T912-A10K-010-02 RHOPOINT-T912-A10K-010-02 Datasheet
340Kb / 1P
   Precision Resistor Networks
logo
IRC - a TT electronics ...
1900 IRCTT-1900 Datasheet
489Kb / 3P
   TaNFilm짰 Precision DIP Network Commercial and MIL Qualified
4700 IRCTT-4700 Datasheet
312Kb / 4P
   TaNFilm짰 Precision SIP Network Commercial and MIL Qualified
logo
Riedon Powertron
FPN3-4916 RIEDON-FPN3-4916 Datasheet
493Kb / 5P
   FPN FHN Networks Precision Shunt Networks
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com