Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAF-3 Fiches technique(PDF) 2 Page - IRC - a TT electronics Company.

No de pièce CAF-3
Description  Commercial Grade Axial Lead Power Wirewound & Film Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRCTT [IRC - a TT electronics Company.]
Site Internet  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

CAF-3 Fiches technique(HTML) 2 Page - IRC - a TT electronics Company.

  CAF-3 Datasheet HTML 1Page - IRC - a TT electronics Company. CAF-3 Datasheet HTML 2Page - IRC - a TT electronics Company. CAF-3 Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Environmental Data
Physical Data
Short-time overload
±5% + 0.05
Ω; 2.5 x nominal power for 5 seconds
Dielectric withstanding voltage
1000Vac
Resistance to Soldering heat
±5% + 0.05
Operating temperature range
-55°C to 275°C
Dimensions (mm)
IRC Type(s)
Wirewound Type
Film Type
W (±1)
D (±1)
L (±1)
H (±5)
d (±0.02)
CAW-2
CAF-2
7.0
7.0
18.0
28.0
0.7
CAW-3
CAF-3
8.0
8.0
22.0
22.0
0.7
CAW-5
CAF-5
10.0
9.0
22.0
22.0
0.8
CAW-7
CAF-7
10.0
9.0
35.0
35.0
0.8
CAW-10
CAF-10
10.0
9.0
49.0
35.0
0.8
CAW-15
CAF-15
12.5
11.5
49.0
35.0
0.8
CAW-20
CAF-20
14.5
13.5
60.0
35.0
0.8
CAW-25
-
14.5
13.5
64.0
35.0
0.8
CAW-2A
CAF-2A
7.0
7.0
18.0
28.0
0.7
CAW-5A
CAF-5A
10.0
9.0
22.0
35.0
0.8
CAW-7A
CAF-7A
10.0
9.0
35.0
35.0
0.8
CAW-10A
CAF-10A
10.0
9.0
49.0
35.0
0.8
W
D
L
d
H
CAW-X / CAF-X Type
CAW-XA / CAF-XA Type
L
d
H
H
Commercial Grade Axial Lead
Power Wirewound & Film
Resistor
CAW/CAF Series Issue August 2008 Sheet 2 of 3


Numéro de pièce similaire - CAF-3

FabricantNo de pièceFiches techniqueDescription
logo
Nuvotem Talema
CAF-3.0-3.3 TALEMA-CAF-3.0-3.3 Datasheet
118Kb / 3P
   Common Mode Toroidal Chokes
CAF-3.0-4.7 TALEMA-CAF-3.0-4.7 Datasheet
118Kb / 3P
   Common Mode Toroidal Chokes
CAF-3.1-1.2 TALEMA-CAF-3.1-1.2 Datasheet
118Kb / 3P
   Common Mode Toroidal Chokes
CAF-3.2-0.33 TALEMA-CAF-3.2-0.33 Datasheet
118Kb / 3P
   Common Mode Toroidal Chokes
CAF-3.2-27 TALEMA-CAF-3.2-27 Datasheet
118Kb / 3P
   Common Mode Toroidal Chokes
More results

Description similaire - CAF-3

FabricantNo de pièceFiches techniqueDescription
logo
TT Electronics.
CCW TTELEC-CCW Datasheet
300Kb / 3P
   Commercial Grade Power Axial Wirewound Resistor
logo
IRC - a TT electronics ...
CCW IRCTT-CCW Datasheet
322Kb / 3P
   Commercial Grade Power Axial Wirewound Resistor
logo
Vishay Siliconix
MRP VISHAY-MRP Datasheet
87Kb / 3P
   Wirewound Resistor, Commercial Power, Silicone Coated, Axial Lead
AMW VISHAY-AMW Datasheet
152Kb / 7P
   Wirewound/Metal Film Resistors, Commercial Power, Axial Lead
14-Feb-08
AMWS VISHAY-AMWS Datasheet
138Kb / 6P
   Wirewound/Metal Film Resistors, Commercial Power, Axial Lead
19-Feb-08
CPW VISHAY-CPW Datasheet
99Kb / 3P
   Wirewound Resistors, Commercial Power, Axial Lead
Revision: 09-Jan-12
CA0001 VISHAY-CA0001 Datasheet
86Kb / 3P
   Wirewound Resistors, Commercial Power, Axial Lead
CA VISHAY-CA Datasheet
98Kb / 3P
   Wirewound Resistors, Commercial Power, Axial Lead
18-Feb-2022
logo
IRC - a TT electronics ...
CVF21000JLFTR IRCTT-CVF21000JLFTR Datasheet
129Kb / 3P
   Commercial Grade Vertical Mount Power Wirewound & Film Resistors
logo
Vishay Siliconix
CPHV VISHAY-CPHV Datasheet
90Kb / 3P
   Wirewound/Metal Oxide Resistors, Commercial Power, Axial Lead
Revision: 14-Aug-12
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com