Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC856BLT1 Fiches technique(PDF) 3 Page - Motorola, Inc

No de pièce BC856BLT1
Description  CASE 318-08, STYLE 6 SOT-23 (TO-236AB)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BC856BLT1 Fiches technique(HTML) 3 Page - Motorola, Inc

  BC856BLT1 Datasheet HTML 1Page - Motorola, Inc BC856BLT1 Datasheet HTML 2Page - Motorola, Inc BC856BLT1 Datasheet HTML 3Page - Motorola, Inc BC856BLT1 Datasheet HTML 4Page - Motorola, Inc BC856BLT1 Datasheet HTML 5Page - Motorola, Inc BC856BLT1 Datasheet HTML 6Page - Motorola, Inc BC856BLT1 Datasheet HTML 7Page - Motorola, Inc BC856BLT1 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BC856ALT1,BLT1 BC857ALT1, BLT1,CLT1 BC858ALT1,BLT1,CLT1
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
BC857/BC858
Figure 1. Normalized DC Current Gain
IC, COLLECTOR CURRENT (mAdc)
2.0
Figure 2. “Saturation” and “On” Voltages
IC, COLLECTOR CURRENT (mAdc)
–0.2
0.2
Figure 3. Collector Saturation Region
IB, BASE CURRENT (mA)
Figure 4. Base–Emitter Temperature Coefficient
IC, COLLECTOR CURRENT (mA)
–0.6
–0.7
–0.8
–0.9
–1.0
–0.5
0
–0.2
–0.4
–0.1
–0.3
1.6
1.2
2.0
2.8
2.4
–1.2
–1.6
–2.0
–0.02
–1.0
–10
0
–20
–0.1
–0.4
–0.8
1.5
1.0
0.7
0.5
0.3
–0.2
–10
–100
–1.0
TA = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE(on) @ VCE = –10 V
VCE = –10 V
TA = 25°C
–55
°C to +125°C
IC = –100 mA
IC = –20 mA
–0.5 –1.0
–2.0
–5.0 –10
–20
–50
–100 –200
–0.1 –0.2
–0.5
–1.0
–2.0
–5.0
–10
–20
–50
–100
IC = –200 mA
IC = –50 mA
IC =
–10 mA
Figure 5. Capacitances
VR, REVERSE VOLTAGE (VOLTS)
10
Figure 6. Current–Gain – Bandwidth Product
IC, COLLECTOR CURRENT (mAdc)
–0.4
1.0
80
100
200
300
400
60
20
40
30
7.0
5.0
3.0
2.0
–0.5
TA = 25°C
Cob
Cib
–0.6
–1.0
–2.0
–4.0 –6.0
–10
–20 –30 –40
150
–1.0
–2.0 –3.0
–5.0
–10
–20
–30
–50
VCE = –10 V
TA = 25°C
TA = 25°C
1.0


Numéro de pièce similaire - BC856BLT1

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
BC856BLT1 LRC-BC856BLT1 Datasheet
211Kb / 5P
   General Purpose Transistors(PNP Silicon)
logo
ON Semiconductor
BC856BLT1 ONSEMI-BC856BLT1 Datasheet
109Kb / 8P
   General Purpose Transistors
June, 2004 ??Rev. 8
BC856BLT1G ONSEMI-BC856BLT1G Datasheet
109Kb / 8P
   General Purpose Transistors
June, 2004 ??Rev. 8
BC856BLT1G ONSEMI-BC856BLT1G Datasheet
172Kb / 7P
   General Purpose Transistors PNP Silicon
August, 2009 ??Rev. 11
BC856BLT1G ONSEMI-BC856BLT1G Datasheet
154Kb / 7P
   General Purpose Transistors
October, 2016 ??Rev. 15
More results

Description similaire - BC856BLT1

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
BC846ALT1 MOTOROLA-BC846ALT1 Datasheet
220Kb / 6P
   CASE 318-08, STYLE 6 SOT-23 (TO-236AB)
BC81716LT1 MOTOROLA-BC81716LT1 Datasheet
90Kb / 4P
   CASE 318-08, STYLE 6 SOT-23 (TO-236AB)
BAL99LT1 MOTOROLA-BAL99LT1 Datasheet
70Kb / 4P
   CASE 318-08, STYLE 18 SOT-23 (TO-236AB)
BAS4006LT1 MOTOROLA-BAS4006LT1 Datasheet
76Kb / 4P
   CASE 318-08, STYLE 11 SOT-23 (TO-236AB)
BAS21LT1 MOTOROLA-BAS21LT1 Datasheet
66Kb / 4P
   CASE 318 08, STYLE 8 SOT 23 (TO 236AB)
BAS40LT1 MOTOROLA-BAS40LT1 Datasheet
73Kb / 4P
   CASE 318-08, STYLE 8 SOT-23 TO-236AB
2N7002LT1 MOTOROLA-2N7002LT1 Datasheet
94Kb / 6P
   CASE 318-08, STYLE 21 SOT-23 (TO-236AB)
BAS4004LT1 MOTOROLA-BAS4004LT1 Datasheet
75Kb / 4P
   CASE 318 08, STYLE 12 SOT 23 (TO 236AB)
BAS7004LT1 MOTOROLA-BAS7004LT1 Datasheet
74Kb / 4P
   CASE 318-08, STYLE 12 SOT-23 TO-236AB
BAS70LT1 MOTOROLA-BAS70LT1 Datasheet
72Kb / 4P
   CASE 318 08, STYLE 8 SOT 23 (TO 236AB)
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com