Moteur de recherche de fiches techniques de composants électroniques |
|
BAS70SPT Fiches technique(PDF) 1 Page - Chenmko Enterprise Co. Ltd. |
|
BAS70SPT Fiches technique(HTML) 1 Page - Chenmko Enterprise Co. Ltd. |
1 / 2 page BAS70SPT CHENMKO ENTERPRISE CO.,LTD SURFACE MOUNT SCHOTTKY DIODE VOLTAGE 70 Volts CURRENT 70 mAmperes APPLICATION FEATURE * Small surface mounting type. (SOT-23) * High speed. (TRR=2.5nSec Typ.) * Suitable for high packing density. CONSTRUCTION * PN junction guard ring protection WEIGHT * 0.008 grams ( Approx.) * Ultra high speed switching ELECTRICAL CHARACTERISTICS ( At TA = 25 oC unless otherwise noted ) NOTES : 2002-10 Maximum Average Reverse Current at VR= 50V CHARACTERISTICS SYMBOL UNITS 410 1000 100 nAmps mVolts Maximum Instantaneous Forward Voltage RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current at 1Sec. Typical Junction Capacitance between Terminal (Note 1) Storage Temperature Range Maximum Operating Temperature Range SYMBOL VRRM VRMS VDC IO CJ TJ VF IR TSTG IFSM BAS70SPT UNITS 70 Volts Volts Volts mAmps 49 70 70 100 2.0 -55 to +125 -65 to +150 mAmps pF Maximum Reverse Recovery Time (Note 2) TRR 5.0 nSec oC oC 1. Measured at 1.0 MHZ and applied reverse voltage of 0! volts. 2. Measured at applied froward current of 10mA and reverse current of 10mA. 3. ESD sensitive product handling required. * Maximum total power disspation is 200mW. * Peak forward surge current is 100mA. CIRCUIT MARKING * B4 @IF= 1.0mA (1) (2) (3) BAS70SPT SOT-23 @IF= 15mA Dimensions in inches and (millimeters) SOT-23 .103 (2.64) .028 (0.70) .020 (0.50) .055 (1.40) .047 (1.20) .045 (1.15) .033 (0.85) .086 (2.20) (1) (2) (3) |
Numéro de pièce similaire - BAS70SPT |
|
Description similaire - BAS70SPT |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |