Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS40TAPT Fiches technique(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

No de pièce BAS40TAPT
Description  SCHOTTKY DIODE VOLTAGE 40 Volts CURRENT 0.2 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHENMKO [Chenmko Enterprise Co. Ltd.]
Site Internet  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

BAS40TAPT Fiches technique(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  BAS40TAPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. BAS40TAPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING CHARACTERISTIC CURVES ( BAS40TAPT )
10u
100u
1m
10m
100m
1
0
0.2
0.4
0.6
0.8
1.0
1.2
10n
100n
1u
10u
100u
1m
10m
1
2
5
10
20
50
100
f=1MHz
FORWARD VOLTAGE, (V)
FIG. 1 - FORWARD CHARACTERISTICS
REVERSE VOLTAGE, (V)
FIG. 2 - REVERSE CHARACTERISTICS
75
oC
50
oC
25
oC
0
10
20
30
REVERSE VOLTAGE, (V)
0
2
4
6
8
10
12
14
Ta =25oC
0
0
20
40
60
80
100
120
25
50
75
100
125
150
AMBIENT TEMPERATURE, (
oC)
FIG. 3 - TYPICAL JUNCTION CAPACITANCE
FIG. 4 - TYPICAL FORWARD CURRENT
DERATING CURVE
100
oC
Ta=125
oC
Ta
=1
25
o
C
75
o C
25
o
C
-2
5
o
C


Numéro de pièce similaire - BAS40TAPT

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
BAS40T DIODES-BAS40T Datasheet
160Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30265 Rev. 5 - 2
logo
Weitron Technology
BAS40T WEITRON-BAS40T Datasheet
394Kb / 3P
   Surface Mount Schottky Diodes
logo
Diodes Incorporated
BAS40T DIODES-BAS40T Datasheet
78Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30265 Rev. 10 - 2
logo
SeCoS Halbleitertechnol...
BAS40T SECOS-BAS40T Datasheet
349Kb / 2P
   Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
BAS40T DIODES-BAS40T Datasheet
122Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 13 - 2 July 2008
More results

Description similaire - BAS40TAPT

FabricantNo de pièceFiches techniqueDescription
logo
Chenmko Enterprise Co. ...
BAS40PT CHENMKO-BAS40PT Datasheet
375Kb / 2P
   SCHOTTKY DIODE VOLTAGE 40 Volts CURRENT 0.2 Ampere
BAS40SPT CHENMKO-BAS40SPT Datasheet
303Kb / 2P
   SCHOTTKY DIODE VOLTAGE 40 Volts CURRENT 0.2 Ampere
BAS40TCPT CHENMKO-BAS40TCPT Datasheet
242Kb / 2P
   SCHOTTKY DIODE VOLTAGE 40 Volts CURRENT 0.2 Ampere
BAS40CPT CHENMKO-BAS40CPT Datasheet
611Kb / 2P
   SCHOTTKY DIODE VOLTAGE 40 Volts CURRENT 0.2 Ampere
BAS40APT CHENMKO-BAS40APT Datasheet
1Mb / 2P
   SCHOTTKY DIODE VOLTAGE 40 Volts CURRENT 0.2 Ampere
BAS40TPT CHENMKO-BAS40TPT Datasheet
241Kb / 2P
   SCHOTTKY DIODE VOLTAGE 40 Volts CURRENT 0.2 Ampere
BAS40VPT CHENMKO-BAS40VPT Datasheet
203Kb / 2P
   SCHOTTKY DIODE VOLTAGE 40 Volts CURRENT 0.2 Ampere
BAS40WAPT CHENMKO-BAS40WAPT Datasheet
74Kb / 2P
   SCHOTTKY DIODE VOLTAGE 40 Volts CURRENT 0.2 Ampere
BAS40TSPT CHENMKO-BAS40TSPT Datasheet
242Kb / 2P
   SCHOTTKY DIODE VOLTAGE 40 Volts CURRENT 0.2 Ampere
BAS40WCPT CHENMKO-BAS40WCPT Datasheet
201Kb / 2P
   SCHOTTKY DIODE VOLTAGE 40 Volts CURRENT 0.2 Ampere
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com